Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89530 Datasheet(PDF) 83 Page - Microchip Technology

Part # LAN89530
Description  Integrated USB 2.0 Hi-Speed Device Controller
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89530 Datasheet(HTML) 83 Page - Microchip Technology

Back Button LAN89530 Datasheet HTML 79Page - Microchip Technology LAN89530 Datasheet HTML 80Page - Microchip Technology LAN89530 Datasheet HTML 81Page - Microchip Technology LAN89530 Datasheet HTML 82Page - Microchip Technology LAN89530 Datasheet HTML 83Page - Microchip Technology LAN89530 Datasheet HTML 84Page - Microchip Technology LAN89530 Datasheet HTML 85Page - Microchip Technology LAN89530 Datasheet HTML 86Page - Microchip Technology LAN89530 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 218 page
background image
 2012-2015 Microchip Technology Inc.
DS60001347A-page 83
LAN89530
4.6.6.3
Half vs. Full-Duplex
Half-duplex operation relies on the CSMA/CD (Carrier Sense Multiple Access/Collision Detect) protocol to handle net-
work traffic and collisions. In this mode, the internal carrier sense signal, CRS, responds to both transmit and receive
activity. In this mode, if data is received while the PHY is transmitting, a collision results.
In full-duplex mode, the PHY is able to transmit and receive data simultaneously. In this mode, the internal CRS
responds only to receive activity. The CSMA/CD protocol does not apply and collision detection is disabled.
Table 4-55 describes the behavior of the internal CRS bit under all receive/transmit conditions.
The internal CRS signal is used to trigger bit 10 (No Carrier) of the TX Status Word (see Section 4.4.2.6, "TX Status
Format"). The CRS value, and subsequently the No Carrier value, are invalid during any full-duplex transmission. There-
fore, these signals cannot be used as a verification method of transmitted packets when transmitting in 10/100 Mbps
full-duplex modes.
Note 4-25
The device’s 10/100 PHY internal CRS signal operates in two modes: Active and Low. When in Active
mode, the internal CRS will transition high and low upon line activity, where a high value indicates a
carrier has been detected. In Low mode, the internal CRS stays low and does not indicate carrier
detection. The internal CRS signal and No Carrier (bit 10 of the TX Status Word) cannot be used as
a verification method of transmitted packets when transmitting in 10/100 Mbps full-duplex mode.
TABLE 4-55:
CRS BEHAVIOR
Mode
Speed
Duplex
Activity
CRS Behavior
Note 4-25
Manual
10 Mbps
Half-Duplex
Transmitting
Active
Manual
10 Mbps
Half-Duplex
Receiving
Active
Manual
10 Mbps
Full-Duplex
Transmitting
Low
Manual
10 Mbps
Full-Duplex
Receiving
Active
Manual
100 Mbps
Half-Duplex
Transmitting
Active
Manual
100 Mbps
Half-Duplex
Receiving
Active
Manual
100 Mbps
Full-Duplex
Transmitting
Low
Manual
100 Mbps
Full-Duplex
Receiving
Active
Auto-Negotiation
10 Mbps
Half-Duplex
Transmitting
Active
Auto-Negotiation
10 Mbps
Half-Duplex
Receiving
Active
Auto-Negotiation
10 Mbps
Full-Duplex
Transmitting
Low
Auto-Negotiation
10 Mbps
Full-Duplex
Receiving
Active
Auto-Negotiation
100 Mbps
Half-Duplex
Transmitting
Active
Auto-Negotiation
100 Mbps
Half-Duplex
Receiving
Active
Auto-Negotiation
100 Mbps
Full-Duplex
Transmitting
Low
Auto-Negotiation
100 Mbps
Full-Duplex
Receiving
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com