Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V64 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP6V64
Description  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V64 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP6V64 Datasheet HTML 38Page - Microchip Technology MCP6V64 Datasheet HTML 39Page - Microchip Technology MCP6V64 Datasheet HTML 40Page - Microchip Technology MCP6V64 Datasheet HTML 41Page - Microchip Technology MCP6V64 Datasheet HTML 42Page - Microchip Technology MCP6V64 Datasheet HTML 43Page - Microchip Technology MCP6V64 Datasheet HTML 44Page - Microchip Technology MCP6V64 Datasheet HTML 45Page - Microchip Technology MCP6V64 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
 2014-2015 Microchip Technology Inc.
DS20005367B-page 43
MCP6V61/1U/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6V61T:
Single Op Amp (Tape and Reel)
(SOT-23 only)
MCP6V61UT: Single Op Amp (Tape and Reel)
(SC70, SOT-23)
MCP6V62:
Dual Op Amp (MSOP, 2x3 TDFN)
MCP6V62T:
Dual Op Amp (Tape and Reel) (MSOP,
2x3 TDFN)
MCP6V64:
Quad Op Amp (TSSOP)
MCP6V64T:
Quad Op Amp (Tape and Reel) (TSSOP)
Temperature Range:
E
= -40°C to +125°C (Extended)
Package:
LTY*
= Plastic Small Outline Transistor, 5-lead SC70
OT
= Plastic Small Outline Transistor, 5-lead SOT-23
MNY* = Plastic Dual Flat, No-Lead - 2×3×0.75 mm
Body, 8-lead
MS
= Plastic Micro Small Outline, 8-lead
ST
= Plastic Thin Shrink Small Outline - 4.4 mm
Body, 14-lead
*Y
= Nickel palladium gold manufacturing designator.
Only available on the SC70 and TDFN package.
PART NO.
–X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
Examples:
a)
MCP6V61T-E/OT:
Tape and Reel,
Extended temperature,
5LD SOT-23 package
a)
MCP6V61UT-E/LTY: Tape and Reel
Extended temperature,
5LD SC70 package
b)
MCP6V61UT-E/OT: Tape and Reel,
Extended temperature,
5LD SOT-23 package
a)
MCP6V62-E/MS:
Extended temperature,
8LD MSOP package
b)
MCP6V62T-E/MS:
Tape and Reel,
Extended temperature,
8LD MSOP package
c)
MCP6V62T-E/MNY: Tape and Reel,
Extended temperature,
8LD 2x3 TDFN package
a)
MCP6V64-E/ST:
Extended temperature,
14LD TSSOP package
b)
MCP6V64T-E/ST:
Tape and Reel
Extended temperature,
14LD TSSOP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com