Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V64 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6V64
Description  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V64 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6V64 Datasheet HTML 8Page - Microchip Technology MCP6V64 Datasheet HTML 9Page - Microchip Technology MCP6V64 Datasheet HTML 10Page - Microchip Technology MCP6V64 Datasheet HTML 11Page - Microchip Technology MCP6V64 Datasheet HTML 12Page - Microchip Technology MCP6V64 Datasheet HTML 13Page - Microchip Technology MCP6V64 Datasheet HTML 14Page - Microchip Technology MCP6V64 Datasheet HTML 15Page - Microchip Technology MCP6V64 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
MCP6V61/1U/2/4
DS20005367B-page 12
 2014-2015 Microchip Technology Inc.
Note:
Unless otherwise indicated, TA =+25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL and CL =30pF.
2.3
Frequency Response
FIGURE 2-26:
CMRR and PSRR vs.
Frequency.
FIGURE 2-27:
Open-Loop Gain vs.
Frequency with VDD =1.8V.
FIGURE 2-28:
Open-Loop Gain vs.
Frequency with VDD =5.5V.
FIGURE 2-29:
Gain Bandwidth Product
and Phase Margin vs. Ambient Temperature.
FIGURE 2-30:
Gain Bandwidth Product
and Phase Margin vs. Common Mode Input
Voltage.
FIGURE 2-31:
Gain Bandwidth Product
and Phase Margin vs. Output Voltage.
10
20
30
40
50
60
70
80
90
100
110
120
130
140
10
100
1000
10000
100000
Frequency (Hz)
10
100
1k
10k
100k
CMRR
PSRR+
PSRR-
Representative Part
-270
-240
-210
-180
-150
-120
-90
-60
-30
-20
-10
0
10
20
30
40
1.E+04
1.E+05
1.E+06
1.E+07
f (Hz)
Open-Loop Gain
Open-Loop Phase
V
DD = 1.8V
C
L = 30 pF
10k
100k
1M
10M
-270
-240
-210
-180
-150
-120
-90
-60
-30
-20
-10
0
10
20
30
40
1.E+04
1.E+05
1.E+06
1.E+07
f (Hz)
Open-Loop Gain
Open-Loop Phase
V
DD = 5.5V
C
L = 30 pF
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
GBWP
PM
V
DD = 1.8V
V
DD = 5.5V
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-1
01234567
Common Mode Input Voltage (V)
V
DD = 5.5V
V
DD = 1.8V
PM
GBWP
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
0123456
Output Voltage (V)
V
DD = 5.5V
PM
GBWP
V
DD = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com