Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL24C64A Datasheet(PDF) 12 Page - SHANGHAI BELLING CO., LTD.

Part # BL24C64A
Description  Random and sequential Read modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL24C64A Datasheet(HTML) 12 Page - SHANGHAI BELLING CO., LTD.

Back Button BL24C64A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
BL24C64A 64Kbits (8,192×8)
BL24C64A 64Kbits (8,192×8) Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
© 2016 Belling All Rights Reserved www.belling.com.cn
12-17
Package Information
PDIP Outline Dimensions
D1
D
e
B3
4PLCS
b2
b
L
A
A2
C
eA
E1
E
Top View
End View
Side View
COMMON DIMENSIONS
(Unit of Measure=inches)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.210
2
A2
0.115
0.130
0.195
b
0.014
0.018
0.022
5
b2
0.045
0.060
0.070
6
b3
0.030
0.039
0.045
6
c
0.008
0.010
0.014
D
0.355
0.365
0.400
3
D1
0.005
3
E
0.300
0.310
0.325
4
E1
0.240
0.250
0.280
3
e
eA
4
L
0.115
0.130
0.150
2
0.100BSC
0.300BSC
Notes:
1. This drawing is for general information only; refer to JEDEC Drawing MS-001, Variation BA for additional
information.
2. Dimensions A and L are measured with the package seated in JEDEC seating plane Gauge GS-3.
3. D, D1 and E1 dimensions do not include mold Flash or protrusions. Mold Flash or protrusions shall not exceed
0.010 inch.
4. E and eA measured with the leads constrained to be perpendicular to datum.
5. Pointed or rounded lead tips are preferred to ease insertion.
6. b2 and b3 maximum dimensions do not include Dambar protrusions. Dambar protrusions shall not exceed 0.010
(0.25 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com