Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL24C64A Datasheet(PDF) 14 Page - SHANGHAI BELLING CO., LTD.

Part # BL24C64A
Description  Random and sequential Read modes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL24C64A Datasheet(HTML) 14 Page - SHANGHAI BELLING CO., LTD.

Back Button BL24C64A Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD. BL24C64A Datasheet HTML 17Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
BL24C64A 64Kbits (8,192×8)
BL24C64A 64Kbits (8,192×8) Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
© 2016 Belling All Rights Reserved www.belling.com.cn
14-17
TSSOP
E1
E
1
2
3
N
Top View
D
e
b
A2
A
Side View
L1
L
End View
SYMBOL
MIN
NOM
MAX
NOTE
D
2.90
3.00
3.10
2,5
E
E1
4.30
4.40
4.50
3,5
A
-
-
1.20
A2
0.80
1.00
1.05
b
0.19
-
0.30
4
e
L
0.45
0.60
0.75
L1
6.40BSC
0.65BSC
1.00REF
COMMON DIMENSIONS
Unit of Measure=mm
Notes:
1. This drawing is for general information only. Refer to JEDEC Drawing MO-153, Variation AA, for proper
dimensions, tolerances, datums, etc.
2. Dimension D does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall
not exceed 0.15 mm (0.006 in) per side.
3. Dimension E1 does not include inter-lead Flash or protrusions. Inter-lead Flash and protrusions shall not exceed
0.25 mm (0.010 in) per side.
4. Dimension b does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.08 mm total in excess
of the b dimension at maximummaterial condition. Dambar cannot be located on the lower radius of the foot.
Minimum space between protrusion and adjacent lead is 0.07 mm.
5. Dimension D and E1 to be determined at Datum Plane H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com