Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP651 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP651
Description  Unity-Gain Stable
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP651 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP651 Datasheet HTML 2Page - Microchip Technology MCP651 Datasheet HTML 3Page - Microchip Technology MCP651 Datasheet HTML 4Page - Microchip Technology MCP651 Datasheet HTML 5Page - Microchip Technology MCP651 Datasheet HTML 6Page - Microchip Technology MCP651 Datasheet HTML 7Page - Microchip Technology MCP651 Datasheet HTML 8Page - Microchip Technology MCP651 Datasheet HTML 9Page - Microchip Technology MCP651 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
MCP651/1S/2/3/4/5/9
DS20002146D-page 6
 2009-2014 Microchip Technology Inc.
1.3
Timing Diagram
FIGURE 1-1:
Timing Diagram.
TABLE 1-4:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = +2.5V to +5.5V, VSS = GND.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-2×3 SOT
JA
—
220.7
—
°C/W
Thermal Resistance, 6L-2×3 SOT
JA
—
190.5
—
°C/W
Thermal Resistance, 8L-2×3 TDFN
JA
—
52.5
—
°C/W
Thermal Resistance, 8L-3×3 DFN
JA
—63
—
°C/W
(Note 2)
Thermal Resistance, 8L-SOIC
JA
—
163
—
°C/W
Thermal Resistance, 10L-3×3 DFN
JA
—71
—
°C/W
(Note 2)
Thermal Resistance, 10L-MSOP
JA
—
202
—
°C/W
Thermal Resistance, 14L-SOIC
JA
—
95.3
—
°C/W
Thermal Resistance, 14L-TSSOP
JA
—
100
—
°C/W
Thermal Resistance, 16L-4x4-QFN
JA
—46
—
°C/W
(Note 2)
Note 1:
Operation must not cause TJ to exceed Maximum Junction Temperature specification (150°C).
2:
Measured on a standard JC51-7, four-layer printed circuit board with ground plane and vias.
High Z
VDD
VOUT
-3 µA (typical)
High Z
ISS
ICS
-3 µA (typical)
-6 mA (typical)
VPRH
VPRL
tPON
tPOFF
On
0nA(typical)
High Z
-3 µA (typical)
-6 mA (typical)
tCOFF
tCON
On
0.7 µA (typical)
0 nA (typical)
CAL/CS
VIH
VIL
tCSU
Note:
For the MCP655 dual and the MCP659 quad, there is an additional constraint on toggling the two CAL/CS pins close
together; see the T
CON specification in Table 1-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com