Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP651 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP651
Description  Unity-Gain Stable
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP651 Datasheet(HTML) 1 Page - Microchip Technology

  MCP651 Datasheet HTML 1Page - Microchip Technology MCP651 Datasheet HTML 2Page - Microchip Technology MCP651 Datasheet HTML 3Page - Microchip Technology MCP651 Datasheet HTML 4Page - Microchip Technology MCP651 Datasheet HTML 5Page - Microchip Technology MCP651 Datasheet HTML 6Page - Microchip Technology MCP651 Datasheet HTML 7Page - Microchip Technology MCP651 Datasheet HTML 8Page - Microchip Technology MCP651 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
 2009-2014 Microchip Technology Inc.
DS20002146D-page 1
MCP651/1S/2/3/4/5/9
Features:
• Gain-Bandwidth Product: 50 MHz
• Slew Rate: 30 V/µs
• Low Input Offset: ±200 µV (maximum)
• Low Input Bias Current: 6 pA (typical)
• Noise: 7.5 nV/
Hz, at 1 MHz
• Ease-of-Use:
- Unity-Gain Stable
- Rail-to-Rail Output
- Input Range incl. Negative Rail
- No Phase Reversal
• Supply Voltage Range: +2.5V to +5.5V
• High Output Current: ±100 mA
• Supply Current: 6.0 mA/Ch (typical)
• Low-Power Mode: 5 µA/Ch
• Small Packages: SOT23-5, DFN
• Extended Temperature Range: -40°C to +125°C
Typical Applications:
• Driving A/D Converters
• Fast Low-side Current Sensing
• Power Amplifier Control Loops
• Optical Detector Amplifier
• Barcode Scanners
• Multi-Pole Active Filter
•Consumer Audio
Design Aids:
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
- MCP651EV-VOS
• Application Notes
Description:
The Microchip Technology Inc. MCP651/1S/2/3/4/5/9
family of high bandwidth and high slew rate operational
amplifiers features low offset. At power-up, these op
amps are self-calibrated using mCal. Some package
options also provide a Calibration/Chip Select pin
(CAL/CS) that supports a Low-Power mode of
operation, with offset calibration at the time normal
operation is re-started. These amplifiers are optimized
for high speed, low noise and distortion, single-supply
operation with rail-to-rail output and an input that
includes the negative rail.
This family is offered in single (MCP651 and
MCP651S), single with CAL/CS pin (MCP653), dual
(MCP652), dual with CAL/CS pins (MCP655), quad
(MCP654) and quad with CAL/CS pins (MCP659). All
devices are fully specified from -40°C to +125°C.
Typical Application Circuit
1k
100 k
MCP65X
VIN
VDD/2
VOUT
RL
High Gain Amplifier (G = 101V/V)
0%
5%
10%
15%
20%
25%
30%
35%
-100 -80 -60 -40 -20
0
20
40
60
80 100
Input Offset Voltage (µV)
80 Samples
TA = +25°C
VDD = 2.5V and 5.5V
Calibrated at +25°C
High Gain-Bandwidth Op Amp Portfolio
Model Family
Channels/Package
Gain-Bandwidth
VOS (max.)
IQ/Ch (typ.)
MCP621/1S/2/3/4/5/9
1, 2, 4
20 MHz
0.2 mV
2.5 mA
MCP631/2/3/4/5/9
1, 2, 4
24 MHz
8.0 mV
2.5 mA
MCP651/1S/2/3/4/5/9
1, 2, 4
50 MHz
0.2 mV
6.0 mA
MCP660/1/2/3/4/5/9
1, 2, 3, 4
60 MHz
8.0 mV
6.0 mA
50 MHz, 200 µV Op Amps with mCal


Similar Part No. - MCP651

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP651 MICROCHIP-MCP651 Datasheet
1Mb / 44P
50 MHz, 6 mA Op Amps with mCal
2009
MCP651 MICROCHIP-MCP651 Datasheet
1Mb / 56P
50 MHz, 6 mA Op Amps with mCal
2011
MCP651-E/MF MICROCHIP-MCP651-E/MF Datasheet
1Mb / 44P
50 MHz, 6 mA Op Amps with mCal
2009
MCP651-E/SN MICROCHIP-MCP651-E/SN Datasheet
1Mb / 44P
50 MHz, 6 mA Op Amps with mCal
2009
MCP651-E/UN MICROCHIP-MCP651-E/UN Datasheet
1Mb / 44P
50 MHz, 6 mA Op Amps with mCal
2009
More results

Similar Description - MCP651

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
200MHz Unity-Gain Stable Operational Amplifier
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
200MHz Unity-Gain Stable Operational Amplifier
September 26, 2001
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
Texas Instruments
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Microchip Technology
MCP631 MICROCHIP-MCP631_14 Datasheet
1Mb / 60P
Unity-Gain Stable
03/25/14
logo
Lowpower Semiconductor ...
LPA4809 POWER-LPA4809 Datasheet
815Kb / 10P
140mW Headphone Amplifier with Unity-gain Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com