Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4802 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP4802
Description  SPI Interface with 20 MHz Clock Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4802 Datasheet(HTML) 5 Page - Microchip Technology

  MCP4802 Datasheet HTML 1Page - Microchip Technology MCP4802 Datasheet HTML 2Page - Microchip Technology MCP4802 Datasheet HTML 3Page - Microchip Technology MCP4802 Datasheet HTML 4Page - Microchip Technology MCP4802 Datasheet HTML 5Page - Microchip Technology MCP4802 Datasheet HTML 6Page - Microchip Technology MCP4802 Datasheet HTML 7Page - Microchip Technology MCP4802 Datasheet HTML 8Page - Microchip Technology MCP4802 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
 2010-2015 Microchip Technology Inc.
DS20002249B-page 5
MCP4802/4812/4822
ELECTRICAL CHARACTERISTIC WITH EXTENDED TEMPERATURE
Electrical Specifications: Unless otherwise indicated, VDD = 5V, VSS = 0V, VREF = 2.048V, Output Buffer Gain (G) = 2x,
RL = 5 k to GND, CL = 100 pF. Typical values are at +125°C by characterization or simulation.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Requirements
Input Voltage
VDD
2.7
—
5.5
V
Input Current
Input Curren
IDD
—
440
—
µA
All digital inputs are grounded,
all analog outputs (VOUT) are
unloaded. Code = 0x000h.
Software Shutdown Current
ISHDN_SW
—5
—
µA
Power-On Reset threshold
VPOR
—1.85
—
V
DC Accuracy
MCP4802
Resolution
n
8
—
—
Bits
INL Error
INL
—
±0.25
—
LSb
DNL
DNL
—
±0.2
—
LSb
Note 1
MCP4812
Resolution
n
10
—
—
Bits
INL Error
INL
—
±1
—
LSb
DNL
DNL
—
±0.2
—
LSb
Note 1
MCP4822
Resolution
n
12
—
—
Bits
INL Error
INL
—
±4
—
LSb
DNL
DNL
—
±0.25
—
LSb
Note 1
Offset Error
VOS
—
±0.02
—
% of FSR
Code = 0x000h
Offset Error Temperature
Coefficient
VOS/°C
—
-5
—
ppm/°C
+25°C to +125°C
Gain Error
gE
—
-0.10
—
% of FSR
Code = 0xFFFh,
not including offset error
Gain Error Temperature
Coefficient
G/°C
—
-3
—
ppm/°C
Internal Voltage Reference (VREF)
Internal Reference Voltage
VREF
—
2.048
—
V
VOUTA when G = 1x and
Code = 0xFFFh
Temperature Coefficient
(Note 2)
V
REF/°C
—
125
—
ppm/°C
-40°C to 0°C
—
0.25
—
LSb/°C
-40°C to 0°C
—
45
—
ppm/°C
0°C to +85°C
—
0.09
—
LSb/°C
0°C to +85°C
Output Noise (VREF Noise)
ENREF
(0.1 – 10 Hz)
—
290
—
µVp-p
Code = 0xFFFh, G = 1x
Output Noise Density
eNREF
(1 kHz)
—1.2
—
µV/Hz
Code = 0xFFFh, G = 1x
eNREF
(10 kHz)
—1.0
—
µV/Hz
Code = 0xFFFh, G = 1x
1/f Corner Frequency
fCORNER
—
400
—
Hz
Note 1:
Guaranteed monotonic by design over all codes.
2:
This parameter is ensured by design, and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com