Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4802 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP4802
Description  SPI Interface with 20 MHz Clock Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4802 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP4802 Datasheet HTML 13Page - Microchip Technology MCP4802 Datasheet HTML 14Page - Microchip Technology MCP4802 Datasheet HTML 15Page - Microchip Technology MCP4802 Datasheet HTML 16Page - Microchip Technology MCP4802 Datasheet HTML 17Page - Microchip Technology MCP4802 Datasheet HTML 18Page - Microchip Technology MCP4802 Datasheet HTML 19Page - Microchip Technology MCP4802 Datasheet HTML 20Page - Microchip Technology MCP4802 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
 2010-2015 Microchip Technology Inc.
DS20002249B-page 17
MCP4802/4812/4822
4.0
GENERAL OVERVIEW
The MCP4802, MCP4812 and MCP4822 are dual
voltage output 8-bit, 10-bit and 12-bit DAC devices,
respectively. These devices include rail-to-rail output
amplifiers, internal voltage reference, shutdown and
reset-management circuitry. The devices use an SPI
serial communication interface and operate with a sin-
gle supply voltage from 2.7V to 5.5V.
The DAC input coding of these devices is straight
binary. Equation 4-1 shows the DAC analog output
voltage calculation.
EQUATION 4-1:
ANALOG OUTPUT
VOLTAGE (VOUT)
The ideal output range of each device is:
• MCP4802 (n = 8)
(a) 0.0V to 255/256 * 2.048V when gain setting = 1x.
(b) 0.0V to 255/256 * 4.096V when gain setting = 2x.
• MCP4812 (n = 10)
(a) 0.0V to 1023/1024 * 2.048V when gain setting = 1x.
(b) 0.0V to 1023/1024 * 4.096V when gain setting = 2x.
• MCP4822 (n = 12)
(a) 0.0V to 4095/4096 * 2.048V when gain setting = 1x.
(b) 0.0V to 4095/4096 * 4.096V when gain setting = 2x.
1 LSb is the ideal voltage difference between two
successive
codes.
Table 4-1
illustrates
the
LSb
calculation of each device.
4.0.1
INL ACCURACY
Integral Non-Linearity (INL) error for these devices is
the maximum deviation between an actual code transi-
tion point and its corresponding ideal transition point
once offset and gain errors have been removed. The
two end points method (from 0x000 to 0xFFF) is used
for the calculation. Figure 4-1 shows the details.
A positive INL error represents transition(s) later than
ideal. A negative INL error represents transition(s)
earlier than ideal.
FIGURE 4-1:
Example for INL Error.
Note:
See the output swing voltage specification in
Section 1.0
“Electrical
Characteris-
tics”.
V
OUT
2.048V
D
n

2
n
-----------------------------------
G
=
Where:
2.048V
=
Internal voltage reference
Dn
=
DAC input code
G
=
Gain selection
=2 for <GA> bit = 0
=1 for <GA> bit = 1
n
=
DAC Resolution
=8 for MCP4802
=
10 for MCP4812
=
12 for MCP4822
TABLE 4-1:
LSb OF EACH DEVICE
Device
Gain
Selection
LSb Size
MCP4802
(n = 8)
1x
2.048V/256 = 8 mV
2x
4.096V/256 = 16 mV
MCP4812
(n = 10)
1x
2.048V/1024 = 2 mV
2x
4.096V/1024 = 4 mV
MCP4822
(n = 12)
1x
2.048V/4096 = 0.5 mV
2x
4.096V/4096 = 1 mV
111
110
101
100
011
010
001
000
Digital
Input
Code
Actual
Transfer
Function
INL < 0
Ideal Transfer
Function
INL < 0
DAC Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com