Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4801 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP4801
Description  SPI Interface with 20 MHz Clock Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4801 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP4801 Datasheet HTML 17Page - Microchip Technology MCP4801 Datasheet HTML 18Page - Microchip Technology MCP4801 Datasheet HTML 19Page - Microchip Technology MCP4801 Datasheet HTML 20Page - Microchip Technology MCP4801 Datasheet HTML 21Page - Microchip Technology MCP4801 Datasheet HTML 22Page - Microchip Technology MCP4801 Datasheet HTML 23Page - Microchip Technology MCP4801 Datasheet HTML 24Page - Microchip Technology MCP4801 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
 2010-2015 Microchip Technology Inc.
DS20002249B-page 21
MCP4802/4812/4822
5.0
SERIAL INTERFACE
5.1
Overview
The MCP4802/4812/4822 devices are designed to
interface directly with the Serial Peripheral Interface
(SPI) port, available on many microcontrollers, and
supports Mode 0,0 and Mode 1,1. Commands and data
are sent to the device via the SDI pin, with data being
clocked-in
on
the
rising
edge
of
SCK.
The
communications are unidirectional and, thus, data
cannot be read out of the MCP4802/4812/4822
devices. The CS pin must be held low for the duration
of a write command. The write command consists of
16 bits and is used to configure the DAC’s control and
data latches. Register 5-1 to Register 5-3 detail the
input register that is used to configure and load the
DACA and DACB registers for each device. Figure 5-1
to Figure 5-3 show the write command for each device.
Refer to Figure 1-1 and SPI Timing Specifications
Table for detailed input and output timing specifications
for both Mode 0,0 and Mode 1,1 operation.
5.2
Write Command
The write command is initiated by driving the CS pin
low, followed by clocking the four Configuration bits and
the 12 data bits into the SDI pin on the rising edge of
SCK. The CS pin is then raised, causing the data to be
latched into the selected DAC’s input registers.
The MCP4802/4812/4822 devices utilize a double-
buffered latch structure to allow both DACA’s and
DACB’s outputs to be synchronized with the LDAC pin,
if desired.
By bringing down the LDAC pin to a low state, the con-
tents stored in the DAC’s input registers are transferred
into the DAC’s output registers (VOUT), and both VOUTA
and VOUTB are updated at the same time.
All writes to the MCP4802/4812/4822 devices are
16-bit words. Any clocks after the first 16th clock will be
ignored.
The
Most
Significant
four
bits
are
Configuration bits. The remaining 12 bits are data bits.
No data can be transferred into the device with CS
high. The data transfer will only occur if 16 clocks have
been transferred into the device. If the rising edge of
CS occurs prior, shifting of data into the input registers
will be aborted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com