Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4801 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP4801
Description  SPI Interface with 20 MHz Clock Support
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4801 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP4801 Datasheet HTML 19Page - Microchip Technology MCP4801 Datasheet HTML 20Page - Microchip Technology MCP4801 Datasheet HTML 21Page - Microchip Technology MCP4801 Datasheet HTML 22Page - Microchip Technology MCP4801 Datasheet HTML 23Page - Microchip Technology MCP4801 Datasheet HTML 24Page - Microchip Technology MCP4801 Datasheet HTML 25Page - Microchip Technology MCP4801 Datasheet HTML 26Page - Microchip Technology MCP4801 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
 2010-2015 Microchip Technology Inc.
DS20002249B-page 23
MCP4802/4812/4822
FIGURE 5-1:
Write Command for MCP4822 (12-bit DAC).
FIGURE 5-2:
Write Command for MCP4812 (10-bit DAC).
FIGURE 5-3:
Write Command for MCP4802 (8-bit DAC).
SDI
SCK
CS
0
2
1
A/B
— GA SHDN D11 D10
config bits
12 data bits
LDAC
3
4
D9
5
6
7
D8 D7 D6
8
9
10
12
D5
D4 D3 D2 D1 D0
11
13 14
15
VOUT
(Mode 1,1)
(Mode 0,0)
SDI
SCK
CS
0
2
1
A/B
— GA SHDN D9
D8
config bits
12 data bits
LDAC
3
4
D7
5
6
7
D6 D5 D4
8
9
10
12
D3
D2 D1 D0
X
X
11
13 14
15
VOUT
(Mode 1,1)
(Mode 0,0)
Note:
X = “don’t care” bits.
SDI
SCK
CS
0
2
1
A/B
— GA SHDN
config bits
12 data bits
LDAC
3
4
5
6
7
X
D7
D6
8
9
10
12
D5
D4
D3 D2 D1 D0
11
13 14
15
VOUT
(Mode 1,1)
(Mode 0,0)
XX
X
Note:
X = “don’t care” bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com