Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS702V Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS702V
Description  Commercial Low Skew PLL 1 to 9 CMOS Clock Driver with Improved EMI
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS702V Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CGS702V Datasheet HTML 1Page - National Semiconductor (TI) CGS702V Datasheet HTML 2Page - National Semiconductor (TI) CGS702V Datasheet HTML 3Page - National Semiconductor (TI) CGS702V Datasheet HTML 4Page - National Semiconductor (TI) CGS702V Datasheet HTML 5Page - National Semiconductor (TI) CGS702V Datasheet HTML 6Page - National Semiconductor (TI) CGS702V Datasheet HTML 7Page - National Semiconductor (TI) CGS702V Datasheet HTML 8Page - National Semiconductor (TI) CGS702V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to 70V
DC Input Voltage Diode Current (IIK)
V eb05V
b
20 mA
V e VCC a 05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a 05V
DC Output Diode Current (IO)
V eb05V
b
20 mA
V e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source
or Sink Current (IO)
g
60 mA
DC VCC or Ground Current
per Output Pin (ICO or IGND)
g
60 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Junction Temperature
150 C
Power Dissipation (Static and Dynamic) (Note 2)
1400 mW
Note 1
The Absolute Maximum Ratings are those values beyond which the
safety of the device cannot be guaranteed The device should not
be operated at these limits The parametric values defined in the
DC and AC Electrical Characteristics tables are not guaranteed at
the Absolute Maximum Ratings The Recommended Operating
Conditions will define the conditions for actual device operation
Note 2
Power dissipation is calculated using 49 W as the thermal coeffi-
cient for the PCC package at 225 LFM airflow The input frequency
is assumed at 33 MHz with CLK4 at 132 MHz and CLK2 and
CLK1’s being at 66 MHz In addition the ambient temperature is
assumed 70 with power supply at 50V
Recommended Operating
Conditions
Supply Voltage (VCC)
45V to 55V
Input Voltage (VI)
0VtoVCC
Output Voltage (VO)
0VtoVCC
Input Crystal Frequency
25 MHz – 40 MHz
Operating Temperature (TA)0 Cto a70 C
External Clock Frequency (EXTCLK Pin)
1 MHz – 10 MHz
XTALIN Duty Cycle Range
2575 (7525)%
Input Rise and Fall Times (08V to 20V)
Crystal Input
5 ns max
All Other Inputs
10 ns max
Typical iJA
LFM
CW
054
225
45
500
38
900
34
DC Electrical Characteristics
over recommended operating free air temperature range All typical values are measured at VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
VCC
VCC e 45V to 55V
Units
T e 0 Cto70 C
Min
Typ
Max
VIH
Minimum Input
45
20
V
High Level Voltage
55
20
VIL
Maximum Input
45
08
V
Low LeveI Voltage
55
08
VOH
Minimum Output
IOH eb50 mA
45
44
44
V
High Level Voltage
55
54
54
IOH eb30 mA
45
VCC b 06
55
VCC b 06
VOL
Maximum Output
IOL e 50 mA
45
01
V
Low Level Voltage
55
01
IOL e 30 mA
45
06
55
06
IOH
High Level Output Current
VOH e VCC b 10V
45
50
110
170
mA
IOL
Low Level Output Current
VOL e 10V
45
50
110
170
mA
IIN
Leakage Current
VIN e 04V or 46V
45
b
50
500
m
A
55
IOZLH
Output Leakage Current
VIN e GND
55
b
50
a
50
m
A
VOUT e VCC or GND
CIN
Input Capacitance
45
100
pF
50
ICC
Quiescent AnalogaDigital Current (No Load)
VIN e VCC or GND
55
3
50
mA
ICCT
ICC per TTL Input
VIN e VCC b 21 or GND
55
25
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com