Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS702V Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS702V
Description  Commercial Low Skew PLL 1 to 9 CMOS Clock Driver with Improved EMI
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS702V Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CGS702V Datasheet HTML 1Page - National Semiconductor (TI) CGS702V Datasheet HTML 2Page - National Semiconductor (TI) CGS702V Datasheet HTML 3Page - National Semiconductor (TI) CGS702V Datasheet HTML 4Page - National Semiconductor (TI) CGS702V Datasheet HTML 5Page - National Semiconductor (TI) CGS702V Datasheet HTML 6Page - National Semiconductor (TI) CGS702V Datasheet HTML 7Page - National Semiconductor (TI) CGS702V Datasheet HTML 8Page - National Semiconductor (TI) CGS702V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
General Description (Continued)
Also included are two EXTSEL and EXTCLK pins to allow
testing the chip via an external source The EXTSEL pin
once set to high
causes the External-Clock
Mux to
change its input from the output of the VCO and Counter to
the external clock signal provided via EXTCLK input pin
CLK1SEL pin changes the output frequency of the CLK1
06 outputs During normal operation when CLK1SEL pin is
high these outputs are at the same frequency as the input
crystal oscillator while CLK2 and CLK4 outputs are at twice
and four times the input frequency respectively
Once CLK1SEL pin is set to a low logic level the CLK1
outputs will be at twice the input frequency the same as the
CLK2 output with CLK4 output still being at four times the
input frequency
In addition two other pins are added for increasing the test
capability SKWSEL and SKWTST pins allow testing of the
counter’s output and skew of the output drivers by bypass-
ing the VCO In this test mode CLK4 frequency is the same
as SKWTST input frequency while CLK2 is
and CLK1
frequencies are
respectively (refer to the truth table) In
addition CLK1SEL functionality is also true under this test
condition
Block Diagram
TLF12386 – 2
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com