Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3030 Datasheet(PDF) 21 Page - Microchip Technology

Part # MGC3030
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 17Page - Microchip Technology MGC3030 Datasheet HTML 18Page - Microchip Technology MGC3030 Datasheet HTML 19Page - Microchip Technology MGC3030 Datasheet HTML 20Page - Microchip Technology MGC3030 Datasheet HTML 21Page - Microchip Technology MGC3030 Datasheet HTML 22Page - Microchip Technology MGC3030 Datasheet HTML 23Page - Microchip Technology MGC3030 Datasheet HTML 24Page - Microchip Technology MGC3030 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
 2012-2015 Microchip Technology Inc.
Advance Information
DS40001667D-page 21
MGC3030/3130
4.2.4.4
MGC3X30 Power Profile
The MGC3X30 power profile is illustrated in Figure 4-5.
FIGURE 4-5:
MGC3X30 POWER PROFILE
MGC3X30 current consumption for the different
operation modes are summarized in Table 4-1.
The Self Wake-up mode current consumption depends
on the number of active channels during Self Wake-up
mode, Approach Scan and Calibration Scan repetition
period. Changing these parameters results in different
current consumption values.
Wake-up IRQ from host
or I²C
TM start detected
Approach detected
No user interaction
(Time-out)
t
I
IDS
(1) =9µA
IPEAK
(1) = 20mA
ISW1
(1) = 200µA
Deep Sleep
Self Wake-up
Self Wake-up
Processing
IPEAK: Processing mode with 5 Rx Channels
ISW1: Self Wake-up with 150 ms Approach Scan and 10s Calibration Scan
ISW2: Self Wake-up with 150 ms Approach Scan and without Calibration Scan
IDS:
Deep Sleep
(1) These are preliminary values @ 3.3V, typical
ISW2
(1) = 110µA
TABLE 4-1:
CURRENT CONSUMPTION OVERVIEW
Mode
Current Consumption
Conditions
Processing mode
20 mA
VDD = 3.3V
5 Rx Channels activated
Self Wake-up mode
110 µA
VDD = 3.3V
No Calibration Scan
1 Rx Channel active
200 µA
VDD = 3.3V
Calibration Scan each 10s
1 Rx Channel active
Deep Sleep mode
9 µA
VDD = 3.3V
Note:
In Processing mode, there are always five
Rx channels activated. Choosing only four
Rx channels in Aurea does not have an
impact on the current consumption during
Processing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com