Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3030 Datasheet(PDF) 13 Page - Microchip Technology

Part # MGC3030
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 9Page - Microchip Technology MGC3030 Datasheet HTML 10Page - Microchip Technology MGC3030 Datasheet HTML 11Page - Microchip Technology MGC3030 Datasheet HTML 12Page - Microchip Technology MGC3030 Datasheet HTML 13Page - Microchip Technology MGC3030 Datasheet HTML 14Page - Microchip Technology MGC3030 Datasheet HTML 15Page - Microchip Technology MGC3030 Datasheet HTML 16Page - Microchip Technology MGC3030 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
 2012-2015 Microchip Technology Inc.
Advance Information
DS40001667D-page 13
MGC3030/3130
2.2.1.4
Approach Detection
FIGURE 3:
APPROACH DETECTION
Approach Detection is an embedded power-saving
feature of Microchip’s Colibri Suite. It sends MGC3X30
to Sleep mode and scans periodically the sensing area
to detect the presence of a human hand.
Utilizing the in-built Self Wake-up mode, Approach
Detection alternates between Sleep and Scan phases.
During the Scan phases, the approach of a human
hand can be detected while very low power is
consumed.
For
more
details,
please
see
Section 4.2.4.3 “Self Wake-up Mode”
.
A detected approach of a user exceeding configured
threshold criteria will alternate the MGC3X30 from Self
Wake-up to Processing mode or even the application
host in the overall system.
Within the Approach Detection sequence, the following
scans are performed:
• Approach Scan: An Approach scan is performed
during the scan phase of the MGC3X30’s Self
Wake-up mode. Typically, one Rx channel is
active but more channels can be activated via the
GestIC Library. The time interval (Scan Interval)
between two consecutive Approach scans is
configurable. For typical applications, the scan
cycle is in a range of 20 ms to 150 ms. During the
Approach scan, the activated Rx channels are
monitored for signal changes which are caused
by, for example, an approaching human hand and
exceeding the defined threshold. This allows an
autonomous wake-up of the MGC3X30 and host
applications at very low-power consumption.
• Calibration Scan(1): The Approach Detection
feature includes the possibility to perform
additional Calibration scans for the continuous
adaptation
of
the
electrode
system
to
environmental changes.
A Calibration scan is performed during the scan
phase of the MGC3X30’s Self Wake-up mode.
Five Rx channels are active to calibrate the
sensor signals. The Calibration scan is usually
performed in configurable intervals from 2s to
1024s.
To reduce the power consumption, the number of
scans per second can be decreased after a
certain time of non-user activity. Colibri Suite
provides a full user flexibility to configure the
starting Calibration Scans rate (Calibration Start
Scan
Interval),
non-user
activity
time-out
(Calibration Transition Time) and the Calibration
scans rate (Calibration Final Scan Interval) which
will be used afterwards. A typical implementation
uses Calibration scans every 2s during the first
two minutes, and every 10s afterwards, until an
approach is detected.
The timing sequence of the Approach Detection feature
is illustrated in Figure 2-5.
FIGURE 2-5:
APPROACH DETECTION SEQUENCE
Current
time
Periodic Approach Scans
Calibration
Scan
Periodic Approach Scans
Calibration
Scan
Periodic Approach Scans
Calibration
Scan
Periodic Approach Scans
Scan Interval
20ms-150ms
Calibration Start Scan Interval
2s-10s
Isleep = 9µA
I5CHSCAN = 20mA
I5CHSCAN: Scan Phase with 5 active RX channels: Calibration Scan
Isleep: Sleep Phase
Calibration Final Scan Interval
2s-1024s
Calibration Transition Time (Non-user activity timeout)
2s-255s
Processing
Mode
Idle Timeout
5s-1024s
Self Wake-up mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com