Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79412 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP79412
Description  Dual Programmable Alarms
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP79412 Datasheet HTML 35Page - Microchip Technology MCP79412 Datasheet HTML 36Page - Microchip Technology MCP79412 Datasheet HTML 37Page - Microchip Technology MCP79412 Datasheet HTML 38Page - Microchip Technology MCP79412 Datasheet HTML 39Page - Microchip Technology MCP79412 Datasheet HTML 40Page - Microchip Technology MCP79412 Datasheet HTML 41Page - Microchip Technology MCP79412 Datasheet HTML 42Page - Microchip Technology MCP79412 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
 2010-2016 Microchip Technology Inc.
DS20002266H-page 39
MCP79410/MCP79411/MCP79412
6.2
EEPROM
The MCP7941X features 1 Kbits of EEPROM
organized in 8-byte pages with software write
protection configured through the STATUS register.
6.2.1
STATUS REGISTER
The STATUS register contains bits BP<1:0> which are
used to set the block write protection for the EEPROM
array.
The STATUS register is a nonvolatile Control register
in the EEPROM address space at location 0xFF. The
STATUS register is accessed using control byte
'1010111X'. Setting the BP<1:0> bits in the STATUS
register determines which regions are protected in the
EEPROM array per Table 6-1.
If multiple bytes are loaded to the STATUS register,
only the last byte is written. The write to the STATUS
register is initiated by the I2C Stop condition.
6.2.2
EEPROM BYTE WRITE
Following the Start condition from the master, the
control code and the R/W bit (which is a logic low) are
clocked onto the bus by the master transmitter. This
indicates to the addressed slave receiver that the
address byte will follow after it has generated an
Acknowledge bit during the ninth clock cycle.
Therefore, the next byte transmitted by the master is
the address and will be written into the Address Pointer
of
the
MCP7941X.
After
receiving
another
Acknowledge bit from the MCP7941X, the master
device transmits the data byte to be written into the
addressed
memory
location.
The
MCP7941X
acknowledges again and the master generates a Stop
condition. This initiates the internal write cycle and,
during this time, the MCP7941X does not generate
Acknowledge signals for EEPROM commands. Access
to the RTCC registers and SRAM is still possible during
an EEPROM write cycle.
If an attempt is made to write to an address outside of
the defined regions, the MCP7941X will not
acknowledge the address or data bytes, no data will be
written, and the device will immediately accept a new
command. After a Byte Write command, the internal
Address Pointer will point to the address location
following the one that was just written.
TABLE 6-1:
BLOCK PROTECTION
BP1
BP0
Array Addresses
Write-Protected
00
None
01
Upper 1/4
(60h-7Fh)
10
Upper 1/2
(40h-7Fh)
11
All
(00h-7Fh)
REGISTER 6-1:
STATUS: EEPROM BLOCK PROTECTION CONTROL REGISTER
(ADDRESS 0XFF)
UU
U
U
R/W-0
R/W-0
U
U
—
—
—
—
BP1
BP0
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
X = Bit is unknown
bit 7-4
Unimplemented:
Read as ‘0’
bit 3-2
BP<1:0>:
EEPROM Array Block Protection bits
bit 1-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com