Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79412 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP79412
Description  Dual Programmable Alarms
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 1 Page - Microchip Technology

  MCP79412 Datasheet HTML 1Page - Microchip Technology MCP79412 Datasheet HTML 2Page - Microchip Technology MCP79412 Datasheet HTML 3Page - Microchip Technology MCP79412 Datasheet HTML 4Page - Microchip Technology MCP79412 Datasheet HTML 5Page - Microchip Technology MCP79412 Datasheet HTML 6Page - Microchip Technology MCP79412 Datasheet HTML 7Page - Microchip Technology MCP79412 Datasheet HTML 8Page - Microchip Technology MCP79412 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
 2010-2016 Microchip Technology Inc.
DS20002266H-page 1
MCP79410/MCP79411/MCP79412
Device Selection Table
Timekeeping Features
• Real-Time Clock/Calendar (RTCC):
- Hours, minutes, seconds, day of week, day,
month, year
- Leap year compensated to 2399
- 12/24-hour modes
• Oscillator for 32.768 kHz Crystals:
- Optimized for 6-9 pF crystals
• On-Chip Digital Trimming/Calibration:
- ±1 ppm resolution
- ±129 ppm range
• Dual Programmable Alarms
• Versatile Output Pin:
- Clock output with selectable frequency
- Alarm output
- General purpose output
• Power-Fail Time-Stamp:
- Time logged on switchover to and from Battery
mode
Low-Power Features
• Wide Voltage Range:
- Operating voltage range of 1.8V to 5.5V
- Backup voltage range of 1.3V to 5.5V
• Low Typical Timekeeping Current:
- Operating from VCC: 1.2 µA at 3.3V
- Operating from VBAT: 925 nA at 3.0V
• Automatic Switchover to Battery Backup
User Memory
• 64-Byte Battery-Backed SRAM
• 1 Kbit EEPROM Memory:
- Software write-protect
- Page write up to eight bytes
- Endurance: 1M Erase/Write cycles
• 64-Bit Protected EEPROM Area:
- Robust write unlock sequence
-EUI-48™ MAC address (MCP79411)
-EUI-64™ MAC address (MCP79412)
Operating Ranges
• 2-Wire Serial Interface, I2C Compatible:
-I2C clock rate up to 400 kHz
• Temperature Range:
- Industrial (I): -40°C to +85°C
Packages
• 8-Lead SOIC, MSOP, TSSOP and 2x3 TDFN
General Description
The MCP7941X Real-Time Clock/Calendar (RTCC)
tracks time using internal counters for hours, minutes,
seconds, days, months, years, and day of week. Alarms
can be configured on all counters up to and including
months. For usage and configuration, the MCP7941X
supports I2C communications up to 400 kHz.
The open-drain, multi-functional output
can be
configured to assert on an alarm match, to output a
selectable frequency square wave or as a general
purpose output.
The MCP7941X is designed to operate using a
32.768 kHz tuning fork crystal with external crystal load
capacitors. On-chip digital trimming can be used to
adjust for frequency variance caused by crystal
tolerance and temperature.
SRAM and timekeeping circuitry are powered from the
backup supply when main power is lost, allowing the
device to maintain accurate time and the SRAM
contents. The times when the device switches over to
the back-up supply and when primary power returns are
both logged by the power-fail time-stamp.
The MCP7941X features 1 Kbit of internal nonvolatile
EEPROM with software write-protectable regions.
There is an additional 64 bits of protected nonvolatile
memory which is only writable after an unlock sequence,
making it ideal for storing a unique ID or other critical
information. The MCP79411 and MCP79412 are
pre-programmed with EUI-48 and EUI-64 addresses,
respectively. Custom programming is also available.
Package Types
Part Number
Protected EEPROM
MCP79410
Unprogrammed
MCP79411
EUI-48™
MCP79412
EUI-64™
SOIC, TSSOP, MSOP
X1
X2
VBAT
VSS
1
2
3
4
8
7
6
5
VCC
MFP
SCL
SDA
TDFN
X1
X2
VSS
MFP
SDA
VCC
8
7
5
1
2
4
VBAT 3SCL
6
Battery-Backed I
2C Real-Time Clock/Calendar with
SRAM, EEPROM and Protected EEPROM


Similar Part No. - MCP79412

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP79412 MICROCHIP-MCP79412 Datasheet
580Kb / 38P
I2C??Real-Time Clock/Calendar with EEPROM, SRAM, Unique ID and Battery Switchover
2011
MCP79412 MICROCHIP-MCP79412 Datasheet
1Mb / 60P
Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
More results

Similar Description - MCP79412

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1351 AMSCO-AS1351 Datasheet
160Kb / 2P
Programmable Dual LDO
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
772Kb / 32P
Programmable Dual-Axis
8/13-Rev. B to Rev. C
logo
Honeywell Solid State E...
BG-12LX HONEYWELL-BG-12LX Datasheet
207Kb / 2P
FIRE-LITE ALARMS
logo
Extech Instruments Corp...
445814 EXTECH-445814 Datasheet
55Kb / 1P
Humidity Indicator with Dew Point and Programmable Hi/Lo %RH Alarms
445815 EXTECH-445815 Datasheet
61Kb / 1P
Humidity Indicator with Dew Point and Programmable Hi/Lo %RH Alarms
logo
List of Unclassifed Man...
521BXT ETC2-521BXT Datasheet
256Kb / 2P
Conventional Fire Alarms
logo
Powerbox
DRP-BN1PH POWERBOX-DRP-BN1PH Datasheet
440Kb / 2P
Voltage alarms relay output
logo
Coto Technology
FR2 COTO-FR2 Datasheet
665Kb / 4P
Proximity sensing, Smoke alarms
logo
Analog Devices
AD8372 AD-AD8372_17 Datasheet
751Kb / 16P
Programmable Dual VGA
9/2017-Rev. B to Rev. C
logo
Maxim Integrated Produc...
MAX6655EVKIT MAXIM-MAX6655EVKIT Datasheet
158Kb / 6P
Programmable Alarms and Configuration
Rev 0; 11/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com