Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24052 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC24052
Description  6A Output Current Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24052 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC24052 Datasheet HTML 17Page - Microchip Technology MIC24052 Datasheet HTML 18Page - Microchip Technology MIC24052 Datasheet HTML 19Page - Microchip Technology MIC24052 Datasheet HTML 20Page - Microchip Technology MIC24052 Datasheet HTML 21Page - Microchip Technology MIC24052 Datasheet HTML 22Page - Microchip Technology MIC24052 Datasheet HTML 23Page - Microchip Technology MIC24052 Datasheet HTML 24Page - Microchip Technology MIC24052 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005659A-page 21
MIC24052
5.0
APPLICATION INFORMATION
5.1
Inductor Selection
Values for inductance, peak, and RMS currents are
required to select the output inductor. The input and
output voltages and the inductance value determine
the peak-to-peak inductor ripple current. Generally,
higher inductance values are used with higher input
voltages. Larger peak-to-peak ripple currents will
increase the power dissipation in the inductor and
MOSFETs. Larger output ripple currents will also
require more output capacitance to smooth out the
larger ripple current. Smaller peak-to-peak ripple
currents require a larger inductance value and
therefore a larger and more expensive inductor. A good
compromise between size, loss and cost is to set the
inductor ripple current to be equal to 20% of the
maximum output current. The inductance value is
calculated in Equation 5-1.
EQUATION 5-1:
The peak-to-peak inductor current ripple is:
EQUATION 5-2:
The peak inductor current is equal to the average
output current plus one half of the peak-to-peak
inductor current ripple.
EQUATION 5-3:
The RMS inductor current is used to calculate the I2R
losses in the inductor.
EQUATION 5-4:
Maximizing efficiency requires the proper selection of
core material and minimizing the winding resistance.
The high-frequency operation of the MIC24052
requires the use of ferrite materials for all but the most
cost sensitive applications. Lower cost iron powder
cores may be used but the increase in core loss will
reduce the efficiency of the power supply. This is
especially noticeable at low output power. The winding
resistance decreases efficiency at the higher output
current levels. The winding resistance must be
minimized although this usually comes at the expense
of a larger inductor. The power dissipated in the
inductor is equal to the sum of the core and copper
losses. At higher output loads, the core losses are
usually insignificant and can be ignored. At lower
output currents, the core losses can be a significant
contributor. Core loss information is usually available
from the magnetics vendor. Copper loss in the inductor
is calculated by Equation 5-5:
EQUATION 5-5:
The resistance of the copper wire, RWINDING, increases
with the temperature. The value of the winding
resistance
used
should
be
at
the
operating
temperature.
EQUATION 5-6:
L
V
OUT
V
IN MAX

V
OUT
–

V
IN MAX

f
SW
20%
I
OUT MAX

----------------------------------------------------------------------------------------
=
Where:
fSW
Switching frequency, 600 kHz
20%
Ratio of AC ripple current to DC output
current
VIN(MAX) Maximum power stage input voltage
I
LPP

V
OUT
V
IN MAX

V
OUT
–

V
IN MAX

f
SW
L
--------------------------------------------------------------------
=
I
LPK

I
OUT MAX

0.5
+
I
LPP

=
I
LRMS

I
OUT MAX

2
I
LPP

2
12
---------------------
+
=
P
INDUCTOR CU

I
LRMS

2
R
WINDING
=
R
WINDING HT

R
WINDING 20C

1 0.0042
T
H
T20C
–

+

=
Where:
TH
Temperature of wire under full load
T20C
Ambient temperature
RWINDING(20C) Room temperature winding
resistance (usually specified by
the manufacturer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com