Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24052 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC24052
Description  6A Output Current Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24052 Datasheet(HTML) 2 Page - Microchip Technology

  MIC24052 Datasheet HTML 1Page - Microchip Technology MIC24052 Datasheet HTML 2Page - Microchip Technology MIC24052 Datasheet HTML 3Page - Microchip Technology MIC24052 Datasheet HTML 4Page - Microchip Technology MIC24052 Datasheet HTML 5Page - Microchip Technology MIC24052 Datasheet HTML 6Page - Microchip Technology MIC24052 Datasheet HTML 7Page - Microchip Technology MIC24052 Datasheet HTML 8Page - Microchip Technology MIC24052 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MIC24052
DS20005659A-page 2
 2016 Microchip Technology Inc.
Package Type
Block Diagram
1
2
3
4
5
6
7
8
9 10 11 12
13 14
15
16
24
23
22
21
20
19
18
17
28 27 26 25
CS
PGND
BST
PVIN
PVIN
PVIN
PVIN
PVIN
PVDD
PGND
NC
SW
PGND
PGND
PGND
PGND
PGND
SW
PVIN
MIC24052
28-PIN QFN (JL)
(TOP VIEW)
R1
2.49k
R2
2.00k
0.1μF
19.6k
2.2μF
VOUT
1.8V/6A
2.2μH
100μF
MIC24052
4.7nF
0.1μF
CBST
BST
SW
FB
VDD
EN
PGND
VIN
PVIN
VIN
4.5V to 19V
4.7μF
x2
gm EA
COMP
CS
CL and ZC
DETECTION
CONTROL
LOGIC
TIMER
SOFT-START
FIXED TON
ESTIMATE
UVLO
LDO
THERMAL
SHUTDOWN
SOFT
START
PVDD
VREF
0.8V
COMPENSATION
SGND
D1
MODIFIED
TOFF
PG
10k
VDD
VDD
8%
92%
10k
VIN
HSD
LSD
INTERNAL
RIPPLE
INJECTION
PVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com