Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYL-RX05 Datasheet(PDF) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-RX05
Description  FrequencyModulation Receiver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-RX05 Datasheet(HTML) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-RX05 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
www.rf-data.com
sales02@rf-data.com
Tel: 86-755-82943662
KYL-RX05
KYL-RX05
KYL-RX05
KYL-RX05
Frequency
Frequency
Frequency
Frequency Modulation
Modulation
Modulation
Modulation Receiver
Receiver
Receiver
Receiver
Technique
Technique
Technique
Technique parameter:
parameter:
parameter:
parameter:
Working voltage:5V
Working frequency:430.5MHz(Other frequency can be customized)
Working current:5mA
Sensitivity:-120dBm
Transmitting speed:<10Kbps
Encoded mode:bonding pad encoded(Fixed code)
Working method:M4、L4、T4
Modulation:FSK(frequency modulation)
Working temperature: -20℃~+70℃
Size:50mm×30mm×10mm
Diagrammatic
Diagrammatic
Diagrammatic
Diagrammatic introduction
introduction
introduction
introduction of
of
of
of pin
pin
pin
pin (From
(From
(From
(From left
left
left
left to
to
to
to right
right
right
right)
Pin
Name
Function
1
ANT
antenna input
2
GND
cathode
3
GND
cathode
4
5V
anode
5
D0
IC 13pin data output
6
D1
IC 12pin data output
7
D2
IC 11pin data output
8
D3
IC 10pin data output
9
VT
Valid state sign
Frame
Frame
Frame
Frame size
size
size
size diagram(mm)
diagram(mm)
diagram(mm)
diagram(mm):


Similar Part No. - KYL-RX05

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-200I KYL-KYL-200I Datasheet
174Kb / 1P
Wireless Data Transceiver
KYL-200L KYL-KYL-200L Datasheet
487Kb / 15P
KYL-200L Low PowerWireless Transceiver DataModule
KYL-200L KYL-KYL-200L Datasheet
111Kb / 11P
Low PowerWireless Transceiver Data Module
KYL-200L-12 KYL-KYL-200L-12 Datasheet
487Kb / 15P
KYL-200L Low PowerWireless Transceiver DataModule
KYL-200L-12 KYL-KYL-200L-12 Datasheet
111Kb / 11P
Low PowerWireless Transceiver Data Module
More results

Similar Description - KYL-RX05

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AR027150MR-R PUI-AR027150MR-R Datasheet
216Kb / 1P
Receiver
logo
SHENZHEN KYL COMMUNICAT...
KYL-A103 KYL-KYL-A103 Datasheet
195Kb / 1P
FrequencyModulation Receiver
KYL-T206 KYL-KYL-T206 Datasheet
215Kb / 1P
Long Range FrequencyModulation Receiver
logo
Festo Corporation.
537696 FESTO-537696 Datasheet
107Kb / 2P
Receiver
7/13/22
537709 FESTO-537709 Datasheet
92Kb / 2P
Receiver
7/13/22
537711 FESTO-537711 Datasheet
111Kb / 2P
Receiver
7/13/22
537712 FESTO-537712 Datasheet
107Kb / 2P
Receiver
7/13/22
logo
Renesas Technology Corp
NDL5522P RENESAS-NDL5522P Datasheet
204Kb / 10P
RECEIVER
1992
NDL5590P RENESAS-NDL5590P Datasheet
210Kb / 14P
RECEIVER
1995
NR3315TA RENESAS-NR3315TA Datasheet
235Kb / 9P
RECEIVER
2009
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com