Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM381 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM381
Description  LM381/LM381A Low Noise Dual Preamplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM381 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM381 Datasheet HTML 1Page - National Semiconductor (TI) LM381 Datasheet HTML 2Page - National Semiconductor (TI) LM381 Datasheet HTML 3Page - National Semiconductor (TI) LM381 Datasheet HTML 4Page - National Semiconductor (TI) LM381 Datasheet HTML 5Page - National Semiconductor (TI) LM381 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH7841
July 1987
LM381LM381A Low Noise Dual Preamplifier
General Description
The LM381LM381A is a dual preamplifier for the amplifica-
tion of low level signals in applications requiring optimum
noise performance Each of the two amplifiers is completely
independent with individual internal power supply decou-
pler-regulator providing 120 dB supply rejection and 60 dB
channel separation Other outstanding features include high
gain (112 dB) large output voltage swing (VCC b 2V) p-p
and wide power bandwidth (75 kHz 20 Vp-p) The LM381
LM381A operates from a single supply across the wide
range of 9V to 40V
Either differential input or single ended input configurations
may be selected The amplifier is internally compensated
with the provision for additional external compensation for
narrow band applications For additional information see
AN-64 AN-104
Features
Y
Low noise
05 mV total input noise
Y
High gain
112 dB open loop
Y
Single supply operation
Y
Wide supply range 9V – 40V
Y
Power supply rejection
120 dB
Y
Large output voltage swing (VCC b 2V)p-p
Y
Wide bandwidth 15 MHz unity gain
Y
Power bandwidth 75 kHz 20 Vp-p
Y
Internally compensated
Y
Short circuit protected
Schematic Diagram
TLH7841 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM381

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM381 SEOUL-LM381 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM381 SEOUL-LM381 Datasheet
360Kb / 13P
CYAN LAMP LED
LM381 SEOUL-LM381 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM381 SEOUL-LM381 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM381 SEOUL-LM381 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM381

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
LOW NOISE DUAL PREAMPLIFIER
logo
National Semiconductor ...
CLC5509 NSC-CLC5509 Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
LM387 NSC-LM387 Datasheet
121Kb / 4P
LM387/LM387A Low Noise Dual Preamplifier
logo
NTE Electronics
NTE824 NTE-NTE824 Datasheet
20Kb / 2P
Integrated Circuit Low Noise Dual Preamplifier
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
LOW NOISE PREAMPLIFIER
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
DUAL VERY LOW NOISE PREAMPLIFIER
Jun-1988
logo
List of Unclassifed Man...
NE542 ETC1-NE542 Datasheet
267Kb / 4P
DUAL LOW - NOISE PREAMPLIFIER
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
Low Noise Dual Preamplifier
logo
Texas Instruments
LM387 TI1-LM387 Datasheet
370Kb / 6P
Low Noise Dual Preamplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com