Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM381 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM381
Description  LM381/LM381A Low Noise Dual Preamplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM381 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM381 Datasheet HTML 1Page - National Semiconductor (TI) LM381 Datasheet HTML 2Page - National Semiconductor (TI) LM381 Datasheet HTML 3Page - National Semiconductor (TI) LM381 Datasheet HTML 4Page - National Semiconductor (TI) LM381 Datasheet HTML 5Page - National Semiconductor (TI) LM381 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
a
40V
Power Dissipation (Note 1)
156 W
Operating Temperature Range
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
Electrical Characteristics TA e 25 C VCC e 14V unless otherwise stated
Parameter
Conditions
Min
Typ
Max
Units
Voltage Gain
Open Loop (Differential Input) f e100 Hz
160000
VV
Open Loop (Single Ended) f e 100 Hz
320000
VV
Supply Current
VCC 9V to 40V RL e %
10
mA
Input Resistance
(Positive Input)
100
kX
(Negative Input)
200
kX
Input Current
(Negative Input)
05
m
A
Output Resistance
Open Loop
150
X
Output Current
Source
8
mA
Sink
2
mA
Output Voltage Swing
Peak-to-Peak
VCC b 2V
Unity Gain Bandwidth
15
MHz
Power Bandwidth
20 VPP (VCC e 24V)
75
kHz
Maximum Input Voltage
Linear Operation
300
mVrms
Supply Rejection Ratio
f e 1 kHz
120
dB
Channel Separation
f e 1 kHz
60
dB
Total Harmonic Distortion
60 dB Gain f e 1 kHz
01
%
Total Equivalent Input
RS e 60X 10–10000 Hz (Single Ended
Noise
Input Flat Gain Circuit AV e 1000)
LM381A
05
07
m
Vrms
LM381
05
10
m
Vrms
Note 1
For operation in ambient temperatures above 25 C the device must be derated based on a 150 C maximum junction temperature and a thermal resistance
of 80 CW junction to ambient
Connection Diagram
Dual-In-Line Package
TLH7841 – 2
Top View
Order Number LM381N or LM381AN
See NS Package Number N14A
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com