Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6274 Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6274
Description  Low power consumption
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6274 Datasheet(HTML) 8 Page - MOSA ELECTRONICS

Back Button MS6274 Datasheet HTML 4Page - MOSA ELECTRONICS MS6274 Datasheet HTML 5Page - MOSA ELECTRONICS MS6274 Datasheet HTML 6Page - MOSA ELECTRONICS MS6274 Datasheet HTML 7Page - MOSA ELECTRONICS MS6274 Datasheet HTML 8Page - MOSA ELECTRONICS MS6274 Datasheet HTML 9Page - MOSA ELECTRONICS MS6274 Datasheet HTML 10Page - MOSA ELECTRONICS MS6274 Datasheet HTML 11Page - MOSA ELECTRONICS MS6274 Datasheet HTML 12Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MOSA
MS6274
Volume Controller with soft step IC
V1.5
8/19
www.mosanalog.com
BUS INTERFACE
Data are transmitted to and from the MCU to the MS6274 via the SDA and SCL. The SDA and SCL make up the
BUS interface. It should be noted that pull-up resistors must be connected to the positive supply voltage.
SDA (Serial Data Line)
Rp
Rp
SCL (Serial Clock Line)
Pull up resistors
VDD
MCU
MS62674
Interface protocol
The format consists of the following
•A START condition
•A chip address byte including the MS6274 address. (7bits)
•The 8th bit of the byte must be “0”.
•The MS6274 must always acknowledge the end of each transmitted byte.
•A data sequence (N-bytes + Acknowledge)
•A STOP condition
ACK
Start
ACK
Sub Address
ACK
MS6274 Address
1
0
0
0
0
0
1
0
Data
STOP
MSB
LSB
Chip Address
The chip address of the MS6274 is 88H.
1
0
0
0
0
0
1
0
MS6274 address
SubAddress
MSB
LSB
Function
A7
A6
A5
A4
A3
A2
A1
A0
0
0
0
0
0
0
0
0
Soft-step time / ON/OFF , SE/DIFF Selector
0
0
0
0
0
0
0
1
L-channel Input selector / Input Gain Control
0
0
0
0
0
0
1
0
R-channel Input selector / Input Gain Control
0
0
0
0
0
0
1
1
Both channels Input selector / Input Gain Control
0
0
0
0
0
1
0
0
L-channel Volume Control
0
0
0
0
0
1
0
1
R-channel Volume Control
0
0
0
0
0
1
1
0
Both channels Volume Control
0
0
0
0
0
1
1
1
Power management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com