Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6274 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6274
Description  Low power consumption
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6274 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6274 Datasheet HTML 1Page - MOSA ELECTRONICS MS6274 Datasheet HTML 2Page - MOSA ELECTRONICS MS6274 Datasheet HTML 3Page - MOSA ELECTRONICS MS6274 Datasheet HTML 4Page - MOSA ELECTRONICS MS6274 Datasheet HTML 5Page - MOSA ELECTRONICS MS6274 Datasheet HTML 6Page - MOSA ELECTRONICS MS6274 Datasheet HTML 7Page - MOSA ELECTRONICS MS6274 Datasheet HTML 8Page - MOSA ELECTRONICS MS6274 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MOSA
MS6274
Volume Controller with soft step IC
V1.5
1/19
www.mosanalog.com
Stereo Audio Volume Controller With Soft Steps,
4 Stereo(1 quasi-differential) Inputs,
Low voltage, Gain/Loss, Low power consumption.
FEATURES
‧
Operation range: 2.5V~6.5V.
‧
One quasi-differential input.
‧
Input Gain: 0dB ~ +15dB.
‧
Soft step volume control:-79dB ~ +15dB.
‧
Low power consumption.
‧
Good PSRR and low pop noise.
‧
I2C interface.
‧
Housed in 16 pin SSOP packages.
APPLICATIONS
‧
Multimedia system
‧
Hi-Fi audio system.
‧
Bluetooth.
‧
DAB
DESCRIPTION
The MS6274 is a stereo audio volume controller IC with 4 sets of stereo inputs(1 quasi-differential Input). It has
Input gain(0 ~ +15dB), Soft step volume control(-79dB ~ +15dB) with programmable blend times. It uses CMOS
technology specially for the low voltage application with low noise, rail-to-rail output.
BLOCK DIAGRAM
SDA
SCL
R-OUT
L-OUT
I2C Interface
Supply
INPUT
Mux
Gain 0dB ~ 15dB
R-IN3
R-IN2
L-IN1
L-IN2
L-IN3
R-IN4/DiffR
R-IN1
L-IN4/DiffL
VREF
MS6274
NC/DiffG
GND
VDD
Input Gain
-79dB ~ +15dB
Volume/Mute
(With Soft step)
Gain 0dB ~ 15dB
Input Gain
-79dB ~ +15dB
Volume/Mute
(With Soft step)


Similar Part No. - MS6274

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6272 MOSA-MS6272 Datasheet
1Mb / 19P
Good PSRR and low pop noise
MS6272MGTR MOSA-MS6272MGTR Datasheet
1Mb / 19P
Good PSRR and low pop noise
MS6272MGU MOSA-MS6272MGU Datasheet
1Mb / 19P
Good PSRR and low pop noise
More results

Similar Description - MS6274

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
APHHS1005LCGCK KINGBRIGHT-APHHS1005LCGCK Datasheet
226Kb / 5P
Low power consumption
APHHS1005LSYCK-J3-PF KINGBRIGHT-APHHS1005LSYCK-J3-PF Datasheet
255Kb / 5P
Low power consumption
APHHS1005LZGCK-V KINGBRIGHT-APHHS1005LZGCK-V Datasheet
262Kb / 5P
Low power consumption
APT1608LSECK-J4-PRV KINGBRIGHT-APT1608LSECK-J4-PRV Datasheet
233Kb / 5P
Low power consumption
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com