Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP40CJ Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP40CJ
Description  Before assembly, ensure unit has been turned off for at least ten minutes.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP40CJ Datasheet(HTML) 1 Page - Emerson Network Power

  NLP40CJ Datasheet HTML 1Page - Emerson Network Power NLP40CJ Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
NLP40CJ Series
Cover accessory kit
Special Features
• NLP40 cover
• Mounting bracket kit available
• Available ROHS compliant
• 2 year warranty
Rev.05.18.11
NLP40CJ
1 of 2
Installation Instructions and Notes
1. Before assembly, ensure unit has been turned off for at least ten minutes.
2. Place the power supply on the customer chassis.
3. Cover the cable exit area with the provided grommet strip.
4. Put the cover on the PCB.
5. Secure 4 screws through the holes as shown.
6. When a cover or other sheetmetal option is added by a person or persons outside the factory, it
is the user’s responsibility to ensure that the requirements of the relevant safety agency, or agen-
cies, are complied with.
7. Overall dimensions: 4.70 x 2.80 x 1.43 inches


Similar Part No. - NLP40CJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP40 ARTESYN-NLP40 Datasheet
57Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
40-50 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLP40-7605 ARTESYN-NLP40-7605 Datasheet
57Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP40-7605J EMERSON-NETWORKPOWER-NLP40-7605J Datasheet
91Kb / 3P
40-50 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLP40-7605J ARTESYN-NLP40-7605J Datasheet
607Kb / 5P
Single, Dual and Triple Output
More results

Similar Description - NLP40CJ

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72P9 SAMSUNG-S3C72P9 Datasheet
1Mb / 225P
SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
logo
Kersemi Electronic Co.,...
MBR3045CTP KERSEMI-MBR3045CTP Datasheet
1Mb / 5P
This center tap Schottky rectifier has been optimized for low
MBR4045CT KERSEMI-MBR4045CT Datasheet
2Mb / 5P
This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature.
logo
STMicroelectronics
AN2048 STMICROELECTRONICS-AN2048 Datasheet
620Kb / 13P
STMicroelectronics has been strongly
06-Feb-2008
logo
TE Connectivity Ltd
108-36033 TEC-108-36033 Datasheet
286Kb / 6P
The product described in this document has not been fully tested to ensure conformance to the requirements outlined below
logo
Vishay Siliconix
10ETF VISHAY-10ETF Datasheet
197Kb / 7P
This product series has been designed and qualified for industrial level
04-Jun-08
logo
International Rectifier
203DMQ IRF-203DMQ Datasheet
119Kb / 5P
The 203DMQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
203DNQ IRF-203DNQ Datasheet
74Kb / 5P
The 203DNQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
409DMQ IRF-409DMQ Datasheet
72Kb / 5P
The 409DMQ Schottky rectifier doubler module series has been optimized for low reverse leakage at high temperature.
logo
TE Connectivity Ltd
108-133061 TEC-108-133061 Datasheet
162Kb / 7P
The product described in this document has not been fully tested to ensure conformance to the requirements outlined below.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com