Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7613 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7613
Description  Integrated consumer electronics control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7613 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7613 Datasheet HTML 2Page - Analog Devices ADV7613 Datasheet HTML 3Page - Analog Devices ADV7613 Datasheet HTML 4Page - Analog Devices ADV7613 Datasheet HTML 5Page - Analog Devices ADV7613 Datasheet HTML 6Page - Analog Devices ADV7613 Datasheet HTML 7Page - Analog Devices ADV7613 Datasheet HTML 8Page - Analog Devices ADV7613 Datasheet HTML 9Page - Analog Devices ADV7613 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
ADV7613
Rev. A | Page 5 of 13
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PLL Power Supply
I
PVDD
29
mA
Comparator Power Supply
I
CVDD
66
mA
LVDS Power Supply
I
LTX_VDD
43
mA
Configuration 3
Pseudorandom test pattern; 1920 × 1080p at 60 Hz input
resolution; 148.5 MHz pixel clock; 85°C operating temperature;
DVDD, PVDD, CVDD, and LTX_DVDD = 1.89 V; DVDDIO and
TVDD = 3.465 V; LVDS Port 1 and LVDS Port 2 used
Termination Power Supply
I
TVDD
70
mA
Digital I/O Power Supply
I
DVDDIO
15
mA
Digital Core Power Supply
I
DVDD
147
mA
PLL Power Supply
I
PVDD
44
mA
Comparator Power Supply
I
CVDD
96
mA
LVDS Power Supply
I
LTX_VDD
88
mA
POWER-DOWN CURRENT⁴
Terminator Power Supply
I
TVDD_PD
327
µA
Digital I/O Power Supply
I
DVDDIO_PD
387
µA
Digital Core Power Supply
I
DVDD_PD
102
µA
PLL Power Supply
I
PVDD_PD
223
µA
Comparator Power Supply
I
CVDD_PD
74
µA
LVDS Power Supply
I
LTX_VDD_PD
323
µA
1 Data characterized by evaluation.
2 The following pins are 5 V tolerant inputs: DDCA_SCL, DDCA_SDA, and RXA_5V.
3 The HPA_A pin is a 5 V tolerant output.
4 Data characterized by evaluation.
LVDS TRANSMITTER (OpenLDI MAPPING)
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
OpenLDI OUTPUTS1
Differential Output Voltage
V
OD
247
350
454
mV
Offset Output Voltage
V
OS
1.125
1.2
1.375
V
Change in V
OD Mismatch
50
mV
Change in V
OS Mismatch
50
mV
OpenLDI TRANSMITTER2
OpenLDI Output Rise Time
t
R
0.21 × UI
0.3 × UI
ps
OpenLDI Output Fall Time
t
F
0.21 × UI
0.3 × UI
ps
1 Measurement performed using a 100 Ω termination resistor.
2 Data characterized by evaluation, using a 100 Ω source termination resistor. UI is unit interval, that is, the bit width.
DATA AND I2C TIMING CHARACTERISTICS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
CLOCK AND CRYSTAL
Crystal (XTAL) Frequency
28.63636
MHz
XTAL Frequency Stability
±50
ppm
Input Clock Range (TMDS)
25
148.5
MHz
OpenLDI Output Clock Range
25
92
MHz
I2C PORTS
SCL Frequency
400
kHz
SCL Minimum Pulse Width High
t
1
600
ns
SCL Minimum Pulse Width Low
t
2
1.3
µs
Start Condition Hold Time
t
3
600
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com