Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7613 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7613
Description  Integrated consumer electronics control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7613 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7613 Datasheet HTML 5Page - Analog Devices ADV7613 Datasheet HTML 6Page - Analog Devices ADV7613 Datasheet HTML 7Page - Analog Devices ADV7613 Datasheet HTML 8Page - Analog Devices ADV7613 Datasheet HTML 9Page - Analog Devices ADV7613 Datasheet HTML 10Page - Analog Devices ADV7613 Datasheet HTML 11Page - Analog Devices ADV7613 Datasheet HTML 12Page - Analog Devices ADV7613 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ADV7613
Data Sheet
Rev. A | Page 8 of 13
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No
Mnemonic
Type
Description
A1, A4, A10, B4, C4, C5, D4,
D5, E4, E5, F4 to F6, G4 to
G6, H4, H5, K1, K10
GND
Ground
Ground.
A2
DDCA_SDA
HDMI Rx DDC
HDCP Slave Serial Data for HDMI Port A.
A3
DDCA_SCL
HDMI Rx DDC
HDCP Slave Serial Clock for HDMI Port A.
A5
XTALP
Miscellaneous
analog
Input for 28.63636 MHz Crystal or an External 1.8 V, 28.63636 MHz Clock
Oscillator Source to Clock the ADV7613.
A6
PVDD
Power
Digital PLL Supply Voltage (1.8 V).
A7
RESET
Miscellaneous
digital
System Reset Input, Active Low. A minimum low reset pulse width of 5
ms is required to reset the ADV7613 circuitry.
A8
SCL
Miscellaneous
digital
I2C Port Serial Clock Input. SCL is the clock line for the control port.
A9
AP5
Audio output
Audio Output Pin 5. This pin is configurable to output S/PDIF digital
audio, HBR or DSD. The AP5 pin typically provides the LRCLK signal for
the I2S modes.
B1
RXA_5V
HDMI input
5 V Detect Pin for HDMI Port A.
A
GND
DDCA_SD A
DDCA_SCL
GND
XTALP
PVDD
RESET
SCL
AP5
GND
A
B
RXA_5V
HPA_A
CEC
GND
XTALN
CS
INT
SDA
AP4
AP3
B
C
RXA_C+
RXA_C–
CVDD
GND
GND
DVDD
TEST0
TEST1
AP2
AP1
C
D
RXA_0+
RXA_0–
CVDD
GND
GND
DVDD
TEST2
TEST3
MCLKOUT
SCLK
D
E
RXA_1+
RXA_1–
CVDD
GND
GND
DVDD
DVDD
TEST4
TEST5
AP0
E
F
RXA_2+
RXA_2–
TVDD
GND
GND
GND
DVDDIO
TEST6
TEST7
TEST8
F
G
CVDD
CVDD
TVDD
GND
GND
GND
DVDDIO
TEST9
TEST10
TEST11
G
H
LTX_VDD
LTX_VDD
GND
GND
LTX_VDD
LTX_VDD
TEST12
TEST13
H
J
J
K
GND
GND
TEST PINS
POWER SUPPLIES
DATA LINES (INPUT AND OUTPUT)
GND
K
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
LTX2_0+
LTX2_0–
LTX2_1+
LTX2_1–
LTX2_2+
LTX2_2–
LTX2_3+
LTX2_3–
LTX2_C+
LTX2_C–
LTX1_0+
LTX1_0–
LTX1_1+
LTX1_1–
LTX1_2+
LTX1_2–
LTX1_3+
LTX1_3–
LTX1_C+
LTX1_C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com