Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS052Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS052Z
Description  SCHOTTKY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS052Z Datasheet(HTML) 4 Page - STMicroelectronics

  STPS052Z Datasheet HTML 1Page - STMicroelectronics STPS052Z Datasheet HTML 2Page - STMicroelectronics STPS052Z Datasheet HTML 3Page - STMicroelectronics STPS052Z Datasheet HTML 4Page - STMicroelectronics STPS052Z Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STPS0520Z
4/5
12
5
10
20
10
20
50
100
200
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 7: Junction capacitance versus reverse volt-
age applied (typical values).
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.1
0.2
0.3
0.4
0.5
VFM(V)
IFM(A)
Tj=25°C
Tj=100°C
Tj=100°C
Typical values
Fig. 8-1: Forward voltage drop versus forward cur-
rent (maximum values, low level)
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
0.1
1.0
5.0
VFM(V)
IFM(A)
Tj=25°C
Tj=100°C
Tj=100°C
Typical values
Fig. 8-2: Forward voltage drop versus forward cur-
rent (maximum values, high level)
0
2040
6080
100
100
150
200
250
300
350
S(mm²)
Rth(j-a) (°C/W)
P=0.25W
Fig. 9: Variation of thermal resistance junction to
ambient versus copper surface under each lead
(Printed circuit board FR4, e(Cu) = 35µm).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com