Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS0520Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS0520Z
Description  SCHOTTKY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0520Z Datasheet(HTML) 3 Page - STMicroelectronics

  STPS0520Z Datasheet HTML 1Page - STMicroelectronics STPS0520Z Datasheet HTML 2Page - STMicroelectronics STPS0520Z Datasheet HTML 3Page - STMicroelectronics STPS0520Z Datasheet HTML 4Page - STMicroelectronics STPS0520Z Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STPS0520Z
3/5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.00
0.05
0.10
0.15
0.20
0.25
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 0.05 δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
Fig. 1: Average forward power dissipation versus
average forward current
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Tamb(°C)
IF(av)(A)
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ = 0.5)
1E-3
1E-2
1E-1
1E+0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
t(s)
IM(A)
Ta=25°C
Ta=50°C
Ta=75°C
IM
t
δ=0.5
Fig. 3: Non repetitive surge peak forward current
versus overload duration (maximum values).
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
1E-3
1E-2
1E-1
1E+0
tp(s)
Zth(j-a)/Rth(j-a)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
Fig. 4: Relative variation of thermal impedance
junction to ambient versus pulse duration (Epoxy
printed circuit board FR4 with recommended pad
layout).
0
2
4
6
8
1012
14161820
1E-3
1E-2
1E-1
1E+0
1E+1
2E+1
VR(V)
IR(mA)
Tj=70°C
Tj=25°C
Tj=100°C
Tj=125°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values).
0
25
50
75
100
125
1E-1
1E+0
1E+1
1E+2
1E+3
Tj(°C)
IR[Tj] / IR[Tj=25°C]
VR=VRRM
Fig. 6: Relative variation of reverse leakage cur-
rent versus junction temperature (typical values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com