Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS0520Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS0520Z
Description  SCHOTTKY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0520Z Datasheet(HTML) 1 Page - STMicroelectronics

  STPS0520Z Datasheet HTML 1Page - STMicroelectronics STPS0520Z Datasheet HTML 2Page - STMicroelectronics STPS0520Z Datasheet HTML 3Page - STMicroelectronics STPS0520Z Datasheet HTML 4Page - STMicroelectronics STPS0520Z Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STPS0520Z
®
January 2002 - Ed : 2B
SCHOTTKY RECTIFIERS
s
VERY SMALL CONDUCTION LOSSES
s
NEGLIGIBLE SWITCHING LOSSES
s
EXTREMELY FAST SWITCHING
FEATURES AND BENEFITS
Single Schottky rectifier suited for switch mode
power supplies and high frequency DC to DC
converters.
Packaged in SOD-123, this device is intended for
use in low voltage, high frequency inverters, free
wheeling and polarity protection applications. Due
to the small size of the package this device fits
GSM and PCMCIA requirements.
DESCRIPTION
SOD-123
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
20
V
IF(RMS)
RMS forward current
2
A
IF(AV)
Average forward current
δ=0.5
Ta=25°C
0.5
A
IFSM
Surge non repetitive forward current
tp=10ms
sinusoidal
5.5
A
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
Tstg
Storage temperature range
- 65 to + 125
°C
Tj
Maximum operating junction temperature *
125
°C
TL
Maximum temperature for soldering during 10s
260
°C
ABSOLUTE RATINGS (limiting values)
*:
dPtot
dTj
Rth j
a
<
1
()
thermal runaway condition for a diode on its own heatsink
IF(AV)
0.5 A
VRRM
20 V
VF (max)
0.32 V
MAIN PRODUCT CHARACTERISTICS


Similar Part No. - STPS0520Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS0520Z STMICROELECTRONICS-STPS0520Z Datasheet
227Kb / 5P
SCHOTTKY RECTIFIERS
Jan-2002
logo
Zibo Seno Electronic En...
STPS0520Z ZSELEC-STPS0520Z Datasheet
148Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
STMicroelectronics
STPS0520Z10K STMICROELECTRONICS-STPS0520Z10K Datasheet
227Kb / 5P
SCHOTTKY RECTIFIERS
Jan-2002
More results

Similar Description - STPS0520Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
SCHOTTKY RECTIFIERS
1N5817 NIUHANG-1N5817 Datasheet
357Kb / 2P
SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
SCHOTTKY RECTIFIERS
MBR30100DCT NIUHANG-MBR30100DCT Datasheet
373Kb / 3P
SCHOTTKY RECTIFIERS
SR1060 NIUHANG-SR1060 Datasheet
335Kb / 3P
SCHOTTKY RECTIFIERS
logo
Shanghai Leiditech Elec...
SS68C LEIDITECH-SS68C Datasheet
863Kb / 3P
Schottky rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com