Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM Datasheet(PDF) 1 Page - API Technologies Corp

Part # MSM
Description  Surface Mount Low Pass Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

MSM Datasheet(HTML) 1 Page - API Technologies Corp

  MSM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
SM11
Surface Mount Low Pass Filters
MSM Series
.049
(1.25±0.2)
.078 (2.0±0.2)
.049
(1.25±0.2)
.007
(0.2±0.1)
.007
(0.2±0.1)
Working Voltage . . . . . . . . . . 50 VDC
Test Voltage . . . . . . . . . . . . 150 VDC
Current Rating . . . . . . . . . . 10 Amps max.
Insulation Resistance. . . . . . 1.0 MΩ
Terminations. . . . . . . . . . . . Ni-Barrier
Soldering Conditions . . . . . . Max. 250˚C-5 sec.
MSM
Output
Input
Ground
Feed-through
MSM Ordering Information
Length (L) Max.
Top side
chip
GND
Copper foil pattern
0.3
GND
0.6
2.6
PO.8
GND
Copper foil pattern
0.3
GND
0.6
2.6
chip
Bottom side
Ground pattern
Ground pattern
Through hole
Through hole
Top side
Bottom side
Full-face ground
Bottom side
Surface
.098
(2.5)
Through hole .023 (ø 0.6)
.047
(1.2)
.031
(0.8)
.058 (1.5)
.110 (2.8)
.070
(1.8)
Copper foil pattern
Resist
Unit: mm Size difference: ±0.1
Thickness of copper foil: 35µm
Chip
ø .045 (1.15±0.05) Center hole
.057 (1.45±0.2)
.157
(4.0±0.1)
.078
(2.00±0.05)
ø .058 (1.5±0.1-0)
.137
(3.50±.05)
.068 (1.75±0.1)
.023 (0.6) Max.
.117 (3.0) Max.
.157
(4.0±0.1)
Dimensions in inches (mm)
.049
(1.25±0.2)
.078 (2.0±0.2)
.049
(1.25±0.2)
.007
(0.2±0.1)
.007
(0.2±0.1)
Dimensions in inches (mm)
MSM
50
40
20
30
10
0
1
10000
Frequency (MHz)
10
100
1000
60
102Z
151M
470M
271M
MSM Recommended Board Pattern
MSM Tape and Reel Packaging
Length (L) Max.
Top side
chip
GND
Copper foil pattern
0.3
GND
0.6
2.6
PO.8
GND
Copper foil pattern
0.3
GND
0.6
2.6
chip
Bottom side
Ground pattern
Ground pattern
Through hole
Through hole
Top side
Bottom side
Full-face ground
Bottom side
Surface
.098
(2.5)
Through hole .023 (ø 0.6)
.047
(1.2)
.031
(0.8)
.058 (1.5)
.110 (2.8)
.070
(1.8)
Copper foil pattern
Resist
Unit: mm Size difference: ±0.1
Thickness of copper foil: 35µm
Chip
ø .045 (1.15±0.05) Center hole
.057 (1.45±0.2)
.157
(4.0±0.1)
.078
(2.00±0.05)
ø .058 (1.5±0.1-0)
.137
(3.50±.05)
.068 (1.75±0.1)
.023 (0.6) Max.
.117 (3.0) Max.
.157
(4.0±0.1)
Note: Exclusively for reflow soldering
Specifications
PartNumber Temperature Capacitance Capacitance Current RatedRating Temperature
Characteristics
Tolerance
Rating
Rating
Range
MSM4T470M10
T
47pF
-55/+125˚C
MSM4R151M10
R
150pF
+50/-20%
10A
50VDC
-55/+125˚C
MSM4R271M10
R
270pF
-55/+125˚C
MSM4V102M10
V
1000pF
-25/+85˚C
Insertion Loss
MSM
4T
470M
10
T
Style
MSM
(Miniature)
Capacitance
Circuit
Configuration
4-Feed-Through
Current
Rating
10 Amps
Value
47 pF
Tolerance
+50/- 20%
Packaging
T-TapeandReel
2,000 pcs/reel
B-Bulkpack
1,000pcs/reel
Temperature
Characteristic
R-+/-15%
T-+22/-33%
V-+22/-82%


Similar Part No. - MSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSM VISHAY-MSM Datasheet
137Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
25-Jul-08
logo
StarHope
MSM SPSEMI-MSM Datasheet
505Kb / 3P
Surface Mount Devices
logo
Schurter Inc.
MSM SCHURTER-MSM Datasheet
81Kb / 1P
Protection cover for MSM 19 and MSM 22
logo
Littelfuse
MSM LITTELFUSE-MSM Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
PIC GmbH
MSM-2210M PIC-MSM-2210M Datasheet
59Kb / 1P
Threaded Magnet M10
More results

Similar Description - MSM

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
Low Pass Filters
logo
API Technologies Corp
PSM APITECH-PSM Datasheet
199Kb / 2P
Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
Surface Mount Low Pass Filters
PSM4-402Z-20T0 APITECH-PSM4-402Z-20T0 Datasheet
199Kb / 2P
Surface Mount Low Pass Filters
SSM1-101Z-05T1 APITECH-SSM1-101Z-05T1 Datasheet
189Kb / 2P
Surface Mount Low Pass Filters
SSM1F-101Z-10T1 APITECH-SSM1F-101Z-10T1 Datasheet
189Kb / 2P
Surface Mount Low Pass Filters
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
LOW PASS FILTERS
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
LOW PASS FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com