Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPer100SP Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPer100SP
Description  SMPS PRIMARY I.C.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPer100SP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPer100SP Datasheet HTML 2Page - STMicroelectronics VIPer100SP Datasheet HTML 3Page - STMicroelectronics VIPer100SP Datasheet HTML 4Page - STMicroelectronics VIPer100SP Datasheet HTML 5Page - STMicroelectronics VIPer100SP Datasheet HTML 6Page - STMicroelectronics VIPer100SP Datasheet HTML 7Page - STMicroelectronics VIPer100SP Datasheet HTML 8Page - STMicroelectronics VIPer100SP Datasheet HTML 9Page - STMicroelectronics VIPer100SP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/23
VIPer100/SP - VIPer100A/ASP
Figure 3: Transition Time
Figure 4: Shut Down Action
Figure 5: Breakdown Voltage Vs. Temperature
Figure 6: Typical Frequency Variation
Figure 1: VDD Regulation Point
Figure 2: Undervoltage Lockout
ICOMP
ICOMPHI
ICOMPLO
VDDreg
0
VDD
Slope =
Gm in mA/V
FC00150
VDDon
IDDch
IDD0
VDD
VDDoff
VDS= 35 V
Fsw = 0
IDD
VDDhyst
FC00170
ID
VDS
t
t
tf
tr
10%Ipeak
10%VD
90%VD
FC00160
VCOMP
VOSC
ID
t
tDISsu
t
t
ENABLE
DISABLE
ENABLE
VCOMPth
FC00060
Temperature (°C)
FC00180
0
20406080
100 120
0.95
1
1.05
1.1
1.15
BVDSS
(Normalized)
Temperature (°C)
0
20406080
100 120 140
-5
-4
-3
-2
-1
0
1
FC00190
(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com