Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPer100SP Datasheet(PDF) 13 Page - STMicroelectronics

Part # VIPer100SP
Description  SMPS PRIMARY I.C.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPer100SP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VIPer100SP Datasheet HTML 9Page - STMicroelectronics VIPer100SP Datasheet HTML 10Page - STMicroelectronics VIPer100SP Datasheet HTML 11Page - STMicroelectronics VIPer100SP Datasheet HTML 12Page - STMicroelectronics VIPer100SP Datasheet HTML 13Page - STMicroelectronics VIPer100SP Datasheet HTML 14Page - STMicroelectronics VIPer100SP Datasheet HTML 15Page - STMicroelectronics VIPer100SP Datasheet HTML 16Page - STMicroelectronics VIPer100SP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
VIPer100/SP - VIPer100A/ASP
The start up current generator is switched off, and
the converter should normally provide the needed
current on the VDD pin through the auxiliary
winding of the transformer, as shown on figure 15.
In case of abnormal condition where the auxiliary
winding is unable to provide the low voltage supply
current to the VDD pin (i.e. short circuit on the
output of the converter), the external capacitor
discharges itself down to the low threshold voltage
VDDoff of the UVLO logic, and the device get back
to the inactive state where the internal circuits are
in standby mode and the start up current source is
activated. The converter enters a endless start up
cycle, with a start-up duty cycle defined by the
ratio of charging current towards discharging when
the VIPer100/100A tries to start. This ratio is fixed
by design to 2 to 15, which gives a 12% start up
duty cycle while the power dissipation at start up is
approximately 0.6 W, for a 230 Vrms input voltage.
This low value of start-up duty cycle prevents the
stress
of
the
output
rectifiers
and
of
the
transformer when in short circuit.
The external capacitor CVDD on the VDD pin must
be sized according to the time needed by the
converter to start up, when the device starts
switching. This time tSS depends on many
parameters, among which transformer design,
output
capacitors,
soft
start
feature
and
compensation network implemented on the COMP
pin. The following formula can be used for defining
the minimum capacitor needed:
where:
IDD is the consumption current on the VDD pin
when switching. Refer to specified IDD1 and IDD2
values.
tSS is the start up time of the converter when the
device begins to switch. Worst case is generally at
full load.
VDDhyst is the voltage hysteresis of the UVLO
logic. Refer to the minimum specified value.
Soft start feature can be implemented on the
COMP pin through a simple capacitor which will be
also used as the compensation network. In this
case, the regulation loop bandwidth is rather low,
because of the large value of this capacitor. In
case
a large
regulation loop bandwidth
is
mandatory, the schematics of figure 16 can be
used. It mixes a high performance compensation
network together with a separate high value soft
start capacitor. Both soft start time and regulation
loop bandwidth can be adjusted separately.
If the device is intentionally shut down by putting
the COMP pin to ground, the device is also
performing start-up cycles, and the VDD voltage is
oscillating between VDDon and VDDoff.
This voltage can be used for supplying external
functions, provided that their consumption doesn’t
exceed 0.5mA. Figure 17 shows
a typical
application of this function, with a latched shut
down. Once the "Shutdown" signal has been
activated, the device remains in the off state until
the input voltage is removed.
C
VDD
I
DD
t
SS
V
DDhy st
--------------------------
>
Figure 15: Behaviour of the high voltage current source at start-up
Ref.
UNDERVOLTAGE
LOCK OUT LOGIC
15 mA
1 mA
3 mA
2 mA
15 mA
VDD
DRAIN
SOURCE
VIPer100
Auxiliary primary
winding
VDD
t
VDDoff
VDDon
Start up duty cycle ~ 12%
CVDD
FC00100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com