Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8BA1 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCP8BA1
Description  Silicon P Channel MOS Type (U-MOS-II) / Silicon Epitaxial Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8BA1 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCP8BA1 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8BA1 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8BA1 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8BA1 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPCP8BA1
MOSFET
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±12 V, VDS = 0
±1
µA
V (BR) DSS
ID = −1 mA, VGS = 0
−20
Drain-Source breakdown voltage
V (BR) DSX
ID = −1 mA, VGS = +12 V
−8
V
Drain Cut-off current
IDSS
VDS = −20 V, VGS = 0
−1
µA
Gate threshold voltage
Vth
VDS = −3 V, ID = −0.1 mA
−0.5
−1.1
V
Forward transfer admittance
|Yfs|
VDS = −3 V, ID = −0.65 A
(注 4)
1.3
2.7
S
ID = −0.65 A, VGS = −4 V
(注 4)
140
180
ID = −0.65 A, VGS = −2.5 V
(注 4)
200
260
Drain-Source ON resistance
RDS (ON)
ID = −0.65 A, VGS = −2.0 V
(注 4)
260
460
m
Ω
Input capacitance
Ciss
VDS = −10 V, VGS = 0, f = 1 MHz
370
pF
Reverse transfer capacitance
Crss
VDS = −10 V, VGS = 0, f = 1 MHz
73
pF
Output capacitance
Coss
VDS = −10 V, VGS = 0, f = 1 MHz
116
pF
Turn-on time
ton
33
Switching time
Turn -off
time
toff
VDD = −10 V, ID = −0.65 A
VGS = 0~−2.5 V, RG = 4.7 Ω
47
ns
Note 4:
Pulse measurement
Switching Time Test Circuit
(c) Vout
<=
(b) VIN
(a) Test circuit
VDS (ON)
VDD
tr
toff
10%
90%
0 V
2.5 V
10%
90%
ton
tf
10
µs
0
2.5 V
IN
OUT
VDD
VDD = 10 V
RG = 4.7 Ω
Duty
1%
IN: tr, tf < 5 ns
Common Source
Ta
= 25°C
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = -100 µA
for this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off)
requires lower voltage than Vth.
(Relationship can be established as follows: VGS (off) < Vth < VGS (on))
Please take this into consideration for using the device.
VGS recommended voltage of -2.5 V or higher to turn on this product.
2003-12-19
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com