Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8BA1 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCP8BA1
Description  Silicon P Channel MOS Type (U-MOS-II) / Silicon Epitaxial Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8BA1 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCP8BA1 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8BA1 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8BA1 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8BA1 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPCP8BA1
Schottky Diode
Electrical Characteristics
(Ta
= 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VF (1)
IF = 0.5 A
0.36
0.41
V
Forward voltage
VF (2)
IF = 0.7 A
0.40
0.45
V
Reverse current
IR
VR = 10V
100
µA
Total capacitance
CT
VR = 10 V, f = 1 MHz
20
pF
2003-12-19
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com