Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9500 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9500
Description  Imaging-Based Proximity and Gesture Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9500 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9500 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
I/O Pins Configuration
Pin
Name
Type
Description
1
NC
No connect
2
INT
O
Interrupt
3
GND
Power supply ground
4
SPI_DATA
O
SPI data
5
SPI_CLK
O
SPI clock
6
NC
No connect
7
LDR_2
LED Drive 2
8
LED-K_1
LED Cathode
9
LED-A
LED anode, connect to VLED on PCB
10
VDDA_I/O
Connect to GND through decoupling capacitor
11
VDDAY_I/O
Connect to GND through decoupling capacitor
12
VDDA18_I/O
Connect to GND through decoupling capacitor
13
VDD
Power supply voltage
14
VIO
Power supply voltage
15
SPI_MCLK
I
SPI master clock
16
SPI_CSn
O
SPI chip select
17
I2C_SDA
I/O
I2C-bus serial data I/O terminal—serial data I/O for I2C-bus
18
I2C_SCL
I
I2C-bus serial clock input terminal—clock signal for I2C-bus serial data
Functional Block Diagram
Sensor
Array
9-bit
A/D
SPI
Master
Timing Gen.
Reg. Bank
I2C
Power
Block
I2C_SDA
I2C_SCL
VDD
GND
SPI_MCLK
SPI_CSn
SPI_CLK
SPI_DATA
Frame Buffer
(Frame subtraction)
30x30
LED Driver
60x60
Pre Processing
VIO
Object
Extraction
Gesture
Recognition
Interrupt
INT
IR LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com