Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9500 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9500
Description  Imaging-Based Proximity and Gesture Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9500 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS-9500 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
0
R_FilterAverage_Mode
0xA5
3:2
0x00
R/W
Image filter mode
0: Weak average
1: Strong average
2: 3 out of 9 median average
0
R_UseLightWeight
0xA5
4
0x01
R/W
Use pixel brightness as weight to calculate center enable
0
R_DiffAngleThd
0xA9
3:0
0x04
R/W
Frame angle accumulation threshold
0
ObjectCenterX
0xAC
7:0
-
R
Low byte of horizontal object center
0
ObjectCenterX
0xAD
4:0
-
R
High byte of horizontal object center
0
ObjectCenterY
0xAE
7:0
-
R
Low byte of vertical object center
0
ObjectCenterY
0xAF
4:0
-
R
High byte of vertical object center
0
ObjectAvgY
0xB0
7:0
-
R
Object brightness, maximum = 255
0
ObjectSize
0xB1
7:0
-
R
Low byte of object size, maximum = 900
0
ObjectSize
0xB2
3:0
-
R
High byte of object size, maximum = 900
0
Gx
0xB3
5:0
-
R
Gesture x direction movement
0
Gy
0xB4
5:0
-
R
Gesture y direction movement
0
Gz
0xB5
6:0
-
R
Gesture z direction movement
0
GestureResult
0xB6
3:0
-
R
Gesture result
1: Up
2: Down
3: Left
4: Right
5: Forward
6: Backward
7: Clockwise
8: Counterclockwise
9: Wave
10: N/A
0
State
0xB6
5:4
-
R
DSP FSM state
0: Initial
1: Process
2: End
0
WaveCount
0xB7
3:0
-
R
Wave gesture counter
0
AbortCount
0xB7
6:4
-
R
Abort gesture counter
0
NoObjectCount
0xB8
7:0
-
R
No object counter
0
NoMotionCount
0xB9
7:0
-
R
No motion counter
0
LightCount
0xBA
5:0
-
R
Bright object counter
0
LightAcc
0xBB
7:0
-
R
Low byte of object brightness accumulation
0
LightAcc
0xBC
1:0
-
R
High byte of object brightness accumulation
0
TimeAcc
0xBD
7:0
-
R
Low byte of gesture time period
0
TimeAcc
0xBE
4:0
-
R
High byte of gesture time period
0
AngleAcc
0xC7
7:0
-
R
Low byte of gesture angle accumulation
0
AngleAcc
0xC8
2:0
-
R
High byte of gesture angle accumulation
0
XGainValue
0xCA
7:0
-
R
45 degree gesture detection x direction parameter
0
YGainValue
0xCB
7:0
-
R
45 degree gesture detection y direction parameter
0
R_YtoZSum
0xCC
5:0
0x1A
R/W
Z direction mapping parameter
0
R_YtoZFactor
0xCD
5:0
0x0D
R/W
Z direction mapping parameter
0
R_PositionFilterLength
0xCE
2:0
0x03
R/W
IIR filter length for cursor object center
0
R_ProcessFilterLength
0xCE
6:4
0x00
R/W
IIR filter length for gesture object center
0
R_WaveCountThd
0xCF
3:0
0x03
R/W
Wave gesture counter threshold
0
R_WaveAngleThd
0xCF
7:4
0x06
R/W
Wave gesture angle threshold
0
R_AbortCountThd
0xD0
2:0
0x22
R/W
Abort gesture counter threshold
0
R_AbortXYRatio
0xD0
7:3
R/W
Abort gesture x and y direction ratio
0
R_AbortLength
0xD1
6:0
0x0F
R/W
Abort gesture movement distance threshold
0
R_AbortIntervalCountThd
0xD2
5:0
0x88
R/W
Abort gesture gap duration threshold
0
R_ConfirmMode
0xD2
6
R/W
Confirm mode enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com