Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EJS8 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # EJS8
Description  Cost-effective Medium Performance Power Inlet Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EJS8 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  EJS8 Datasheet HTML 1Page - TE Connectivity Ltd EJS8 Datasheet HTML 2Page - TE Connectivity Ltd EJS8 Datasheet HTML 3Page - TE Connectivity Ltd EJS8 Datasheet HTML 4Page - TE Connectivity Ltd EJS8 Datasheet HTML 5Page - TE Connectivity Ltd EJS8 Datasheet HTML 6Page - TE Connectivity Ltd EJS8 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
156
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
EEJ Series Including the EJH/EJHS, EJM/EJMS and EJS Models
Cost-effective Medium Performance Power Inlet Filter (continued)
Case Styles (continued)
20EJS8
D E
A
B
F
C
Brown
Green/Yellow
Blue



 
 
20EEJ8 & 20EJH8
D E
A
B
F
C
Brown
Green/Yellow
Blue
20EJS1
D
E
A
F
B
C













 
 
Recommended Panel Cutouts
Tolerances ± .005 [0.13] unless otherwise noted
.140
3.56
.12
3.05
.820
20.8
1.200
30.48
1.575
40.01
.140
3.56
.234
5.94
.900
22.9
1.200
30.48
1.575
40.01
Front Mount
Back Mount
R.
Typ.
R.
Typ.
∅
∅
1 to 15A EEJ, EJH & EJM




G
0.815
20.70
Tolerance ±.002 [.050]
0.188
4.775
R
Max.
1 to 15A EJHS, EJMS & EJS







PC Board Layout
0.551
13.99
0.520
13.21
0.075
1.91 ∅
*±.015 [0.38]
.685*
17.40*
Tolerances ± .005 [0.13] unless otherwise noted
.138
3.51
.118
3.0
1.055
26.8
1.370
34.8
1.654
42.0
.138
3.51
.125
3.18
.985
25.02
1.300
33.0
1.654
42.0
Front Mount
Back Mount
R.
Typ.
R.
Typ.
∅
∅
20A EEJ & EJH


1.450
36.83
0.125
3.175
1.053
26.75
R
Max.
Tolerance ±.002 [.050]
20A EJS








Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com