Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EJS8 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # EJS8
Description  Cost-effective Medium Performance Power Inlet Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EJS8 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  EJS8 Datasheet HTML 1Page - TE Connectivity Ltd EJS8 Datasheet HTML 2Page - TE Connectivity Ltd EJS8 Datasheet HTML 3Page - TE Connectivity Ltd EJS8 Datasheet HTML 4Page - TE Connectivity Ltd EJS8 Datasheet HTML 5Page - TE Connectivity Ltd EJS8 Datasheet HTML 6Page - TE Connectivity Ltd EJS8 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EEJ Series
3
Cost-effective Medium Performance Power Inlet Filter
153
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
• Compact EMI filter with IEC 60320-1 C14 Inlet
• Enhanced two element circuit provides medium
attenuation to 30MHz
• Compact and cost-effective design
• Supersedes most ED Series versions
• Includes 20A version with standard IEC 60320-1
C20 inlet
• Several termination styles
• Flanged mounting
• Same performance as the EEJ Series
• Snap-in mounting
• Several termination styles
• Includes 20A version with standard IEC 60320-1
C20 inlet
• Minimal leakage current suitable for patient-
contact medical applications
• Flanged mounting the same as the EEJ Series
• Also available in snap-in versions (EJHS)
• Two element circuit provides modest EMI
attenuation above 1MHz
• Capacitive input (refer to the H Series for
capacitive output)
• EJHS models feature snap-in mounting
UL Recognized
CSA Certified
VDE Approved*
Maximum leakage current each Line to Ground:
EEJ/EJS
EJH
EJM
@ 120 VAC 60 Hz:
.22 mA
2
A
.01 mA
@250 VAC 50 Hz:
.38 mA
5
A
.017 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max.):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
1 to 20A*
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
Specifications
Electrical Schematic
LINE
LOAD
1
Note 1: Not present in EJH versions
1
20EJH1
20EEJ8
3EEJ1
*15A versions are tested by Underwriters Laboratories
to US and Canadian requirements and are
VDE approved at 10A, 250VAC
20A versions are tested by Underwriters Laboratories
to US and Canadian requirements and are
VDE approved at 16A, 250VAC
• Low leakage current, suitable for most medical
applications
• Improved EMI attenuation up to 200MHz
• Mechanically the same as the EEJ Series with
flange or snap-in mounting
• EJMS models feature snap-in mounting
EJS Models
EJM & EJMS Models
EJH & EJHS Models
EEJ Series
Including the EJH/EJHS, EJM/EJMS and EJS Models


Similar Part No. - EJS8

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
EJSS HAMMOND-EJSS Datasheet
160Kb / 3P
Boite de jonction en acier inoxydable de type 4X
EJSS HAMMOND-EJSS Datasheet
219Kb / 2P
Continuous Hinge Door with Quarter Turn
EJSSQTR HAMMOND-EJSSQTR Datasheet
13Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
EJSSQTR HAMMOND-EJSSQTR Datasheet
54Kb / 1P
Ensembles de verrous quart de tour
EJSS HAMMOND-EJSS_V01 Datasheet
219Kb / 2P
Continuous Hinge Door with Quarter Turn
More results

Similar Description - EJS8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1ED1 MACOM-1ED1_11 Datasheet
255Kb / 4P
Medium Performance Compact EMI Power Inlet Filter
1EEA1 MACOM-1EEA1_11 Datasheet
373Kb / 5P
Cost-effective EMI Power Inlet Filter
1EEJ1 MACOM-1EEJ1_11 Datasheet
853Kb / 7P
Cost-effective Medium Performance Power Inlet Filter
1EJT1 MACOM-1EJT1_11 Datasheet
336Kb / 3P
High Performance Power Inlet Filter
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
High performance and cost-effective solution
logo
TE Connectivity Ltd
EJT TEC-EJT Datasheet
336Kb / 3P
High Performance Power Inlet Filter
EC1 TEC-EC1 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
ED1 TEC-ED1 Datasheet
255Kb / 4P
Medium Performance Compact EMI Power Inlet Filter
EEA TEC-EEA Datasheet
373Kb / 5P
Cost-effective EMI Power Inlet Filter
SRB TEC-SRB Datasheet
755Kb / 5P
Minimum Depth, Cost-effective Shielded Power Inlet Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com