Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS809C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GS809C
Description  Microprocessor Reset Monitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS809C Datasheet(HTML) 2 Page - Vishay Siliconix

  GS809C Datasheet HTML 1Page - Vishay Siliconix GS809C Datasheet HTML 2Page - Vishay Siliconix GS809C Datasheet HTML 3Page - Vishay Siliconix GS809C Datasheet HTML 4Page - Vishay Siliconix GS809C Datasheet HTML 5Page - Vishay Siliconix GS809C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
Document Number 74808
2
01-Nov-02
Ordering Information
Reset Active Low
Reset Timeout
Period
Default: 210mS
E: 150mS
D:
30mS
A : 1.5mS
Reset Voltage
Options
LVth = 4.63V
MVth = 4.38V
JVth = 4.0V
TVth = 3.08V
SVth = 2.93V
27 Vth = 2.7V
RVth = 2.63V
24 Vth = 2.4V
21 Vth = 2.1V
Reset Active High
GS809CxxEUx
GS810CxxEUx
Marking Information
A: GS809C,
1.5mS
D: GS809C,
30.0mS
E: GS809C, 150.0mS
G: GS809C, 210.0mS
L: GS810C,
1.5mS
Q: GS810C,
30.0mS
R: GS810C, 150.0mS
S: GS810C, 210.0mS
X XX XX
Date Code
Year -- Week
Threshold Voltage
26: 2.63V 38: 3.8V 46: 4.63V Etc.
No letters
GS809C and GS810C
Vishay
formerly General Semiconductor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com