Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS809C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GS809C
Description  Microprocessor Reset Monitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS809C Datasheet(HTML) 3 Page - Vishay Siliconix

  GS809C Datasheet HTML 1Page - Vishay Siliconix GS809C Datasheet HTML 2Page - Vishay Siliconix GS809C Datasheet HTML 3Page - Vishay Siliconix GS809C Datasheet HTML 4Page - Vishay Siliconix GS809C Datasheet HTML 5Page - Vishay Siliconix GS809C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings(1)
Parameter
Symbol
Value
Unit
Supply Voltage
Vcc
6.0
V
Reset/Reset
–0.3 to (Vcc + 0.3)
V
Input Current, Vcc
20
mA
Output Current, Reset/Reset
20
mA
dV/dT (Vcc)
100
V/
µS
Operating Temperature Range
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Power Dissipation (TA
≤ 70°C)
PD
260
mW
SOT-23 (Derate 4mW/°C above 70°C)
Note: (1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Electrical Characteristics TA = 25°C unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Vcc Range
VRANGE
1
–
5.5
V
TA = –40 to +85°C
1
–
5.5
Supply Current
ICC
Vcc = 3.0V
–
–
3.0
µA
Vcc=3.0V, TA= –40 to +85°C
–
–
5.0
Reset Threshold
VTH
VTHNOM–1.5%
VTHNOM
VTHNOM+1.5%
V
TA = –40 to +85°C
VTHNOM–2.0%
VTHNOM
VTHNOM+2.0%
Threshold Hysteresis
VTH HIST
0.4
%VTH
Reset Threshold
–
30
–
ppm/°C
Temperature Coefficient
Reset Output Voltage Low
809C Vcc < VTH min
809C/810C
VOL
810C Vcc > VTH max
–
–
0.5
V
TA = –40 to +85°C
ISINK = 1.2mA
Reset Output Voltage High
809C Vcc > VTH max
809C/810C
VOH
810C Vcc < VTH min
0.8VCC
––
V
TA = –40 to +85°C
ISOURCE = 0.5mA
VCC to Reset Delay
TD1
VCC = VTH – 100mV
–40–
µS
TA = –40 to +85°C
Reset Timeout Period
TD2
TA = –40 to +85°C
TD2NOM–35%
TD2NOM
TD2NOM+35%
mS
GS809C and GS810C
Vishay
formerly General Semiconductor
Document Number 74808
www.vishay.com
01-Nov-02
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com