Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8541 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8541
Description  16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8541 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8541 Datasheet HTML 1Page - Texas Instruments DAC8541 Datasheet HTML 2Page - Texas Instruments DAC8541 Datasheet HTML 3Page - Texas Instruments DAC8541 Datasheet HTML 4Page - Texas Instruments DAC8541 Datasheet HTML 5Page - Texas Instruments DAC8541 Datasheet HTML 6Page - Texas Instruments DAC8541 Datasheet HTML 7Page - Texas Instruments DAC8541 Datasheet HTML 8Page - Texas Instruments DAC8541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DAC8541
SLAS353 − DECEMBER 2001
16BIT, SINGLE CHANNEL, PARALLEL INPUT DIGITALTOANALOG
CONVERTER WITH RAILTORAIL VOLTAGE OUTPUT
1
www.ti.com
FEATURES
D Micropower Operation: 250 µA at 5 V AVDD
D Power-On Reset to Min-Scale
D 16-Bit Monotonic
D Settling Time: 10 µs to ±0.003% FSR
D 16-Bit Parallel Interface
D On-Chip Output Buffer Amplifier With
Rail-to-Rail Operation
D Hardware Reset to Min-Scale or Mid-Scale
D Double-Buffered Architecture
D Asynchronous LDAC Control
D Data Readback Support
D 1.8 V Compatible Digital Interface:
− DVDD = 1.8 V−5.5 V
D Wide Analog Supply Range:
− AVDD = 2.7 V−5.5 V
D 32-Lead 5 mm × 5 mm TQFP Package
APPLICATIONS
D Process Control
D Data Acquisition Systems
D Closed-Loop Servo Control
D PC Peripherals
D Portable Instrumentation
DESCRIPTION
The DAC8541 is a low-power, single channel, 16-bit,
voltage output DAC. Its on-chip precision output
amplifier allows rail-to-rail voltage swing to be achieved
at the output. The DAC8541 utilizes a 16-bit parallel
interface and features additional powerdown function
pins as well as hardware-enabled, asynchronous DAC
updating and reset capability.
The DAC8541 requires an external reference voltage to
set the output range of the DAC. The device
incorporates a power-on-reset circuit that ensures that
the DAC output powers up at min-scale and remains
there until a valid write takes place to the device. In
addition, the DAC8541 contains a power-down feature,
accessed via two hardware pins, that when enabled
reduces the current consumption of the device to
200 nA at 5 V.
The low power consumption of this device in normal
operation makes it ideally suited for use in portable
battery operated equipment applications. The power
consumption is 1.2 mW at AVDD = 5 V reducing to 1 µW
in power-down mode.
The DAC8541 is available in a 32-lead TQFP package
with an operating temperature range of −40
°C to 85°C.
I/O
Buffer
Input
Register
DAC
Register
DAC
Resistor
Network
Power
Down
Control
Logic
Control
Logic
16
AVDD DVDD
VREFH
VOUTSense
VOUT
PD1
PD0
VREFL
LDAC
RST
RSTSEL
AGND
DGND
CS
R/W
BTC/USB
Data I/O
DAC8541
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - DAC8541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8541 TI-DAC8541 Datasheet
1Mb / 26P
16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DAC8541 TI2-DAC8541 Datasheet
626Kb / 25P
16-BIT, SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DECEMBER 2001
DAC8541 TI2-DAC8541 Datasheet
629Kb / 26P
16-BIT, SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DECEMBER 2001
DAC8541Y/250 TI-DAC8541Y/250 Datasheet
1Mb / 26P
16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DAC8541Y/250 TI2-DAC8541Y/250 Datasheet
626Kb / 25P
16-BIT, SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DECEMBER 2001
More results

Similar Description - DAC8541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8544 TI-DAC8544 Datasheet
476Kb / 20P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
ADS8342 TI-ADS8342 Datasheet
817Kb / 10P
16 BIT 250KSPS4 CHANNEL PARALLEL OUTPUT ANALOG TO DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8541 TI-DAC8541_15 Datasheet
1Mb / 26P
16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8544 TI1-DAC8544_12 Datasheet
893Kb / 23P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE,DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com