Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTL2000 Datasheet(PDF) 18 Page - Agilent(Hewlett-Packard)

Part # HCTL2000
Description  Quadrature Decoder/Counter Interface ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL2000 Datasheet(HTML) 18 Page - Agilent(Hewlett-Packard)

Back Button HCTL2000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 19Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Actions
1. ANL P1, 00H has just been
executed. The output of bits 0
and 1 of Port 1 cause SEL and
OE to be logic low. The data
lines output the higher order
byte.
2. The HCTL-20XX detects that
OE and SEL are low on the
next falling edge of the CLK
and asserts the internal inhibit
signal. Data can be read
without regard for the phase of
the CLK.
3. INS A, BUS has just been
executed. Data is read into the
8748.
4. ORL PORT 1, 02H has just
been executed. The program
sets SEL high and leaves OE
low by writing the correct
values to port 1. The HCTL-
20XX detects OE is low and
SEL is high on the next falling
edge of the CLK, and thus the
first inhibit reset condition is
met.
5. INS A, BUS has just been
executed. Lower order data
bits are read into the 8748.
6. ORL P1, 03H has just been
executed. The HCTL-20XX
detects OE high on the next
falling edge of CLK. The
program sets OE and SEL high
by writing the correct values to
port 1. This causes the data
lines to be tristated. This
satisfies the second inhibit and
reset condition. On the next
rising CLK edge new data is
transferred from the counter to
the position data latch.
Figure 19. 8748 READ Cycle from Figure 18.
ORL P1, 02H
ANL P1, OOH
Additional Information
from Agilent
Technologies
Application briefs are available
from the factory. Please contact
your local Agilent sales
representative for the following.
M027 Interfacing the HCTL-20XX
to the 8051
M019 Commonly Asked
Questions about the HCTL-
2020 and Answers
M020 A Simple Interface for the
HCTL-2020 with a 16-bit
DAC without Using a
Processor
M023 Interfacing the MC68HCII
to the HCTL-2020
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com