Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTL2000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCTL2000
Description  Quadrature Decoder/Counter Interface ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL2000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCTL2000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCTL2000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Quadrature Decoder/Counter
Interface ICs
Technical Data
HCTL-2000
HCTL-2016
HCTL-2020
Features
• Interfaces Encoder to
Microprocessor
• 14 MHz Clock Operation
• Full 4X Decode
• High Noise Immunity:
Schmitt Trigger Inputs Digital
Noise Filter
• 12 or 16-Bit Binary Up/
Down Counter
• Latched Outputs
• 8-Bit Tristate Interface
• 8, 12, or 16-Bit Operating
Modes
• Quadrature Decoder Output
Signals, Up/Down and Count
• Cascade Output Signals, Up/
Down and Count
• Substantially Reduced
System Software
ESD WARNING: Standard CMOS handling precautions should be observed with the HCTL-20XX family
ICs.
Devices
Part Number
Description
Package Drawing
HCTL-2000
12-bit counter. 14 MHz clock operation.
A
HCTL-2016
All features of the HCTL-2000. 16-bit counter.
A
HCTL-2020
All features of the HCTL-2016. Quadrature decoder output
B
signals. Cascade output signals.
Description
The HCTL-2000, 2016, 2020 are
CMOS ICs that perform the
quadrature decoder, counter, and
bus interface function. The
HCTL-20XX family is designed to
improve system performance
Applications
• Interface Quadrature
Incremental Encoders to
Microprocessors
• Interface Digital Potentiom-
eters to Digital Data Input
Buses


Similar Part No. - HCTL2000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL2016 HP-HCTL2016 Datasheet
319Kb / 18P
Quadrature Decoder/Counter Interface ICs
More results

Similar Description - HCTL2000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-2000 HP-HCTL-2000 Datasheet
319Kb / 18P
Quadrature Decoder/Counter Interface ICs
logo
LSI Computer Systems
LS7366R LSI-LS7366R Datasheet
91Kb / 13P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
logo
Agilent(Hewlett-Packard...
HCTL-2016 HP-HCTL-2016 Datasheet
217Kb / 2P
Surface Mount Quadrature Decoder/Counter Interface ICs
HCTL-2032 HP-HCTL-2032 Datasheet
291Kb / 20P
Quadrature Decoder/Counter Interface ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-2001 AVAGO-HCTL-2001 Datasheet
183Kb / 12P
Quadrature Decoder/Counter Interface ICs
HCTL-2017 AVAGO-HCTL-2017 Datasheet
174Kb / 12P
Quadrature Decoder/Counter Interface ICs
HCTL-2001-A00 AVAGO-HCTL-2001-A00 Datasheet
220Kb / 16P
Quadrature Decoder/Counter Interface ICs
HCTL-2032 AVAGO-HCTL-2032 Datasheet
387Kb / 21P
Quadrature Decoder/ Counter Interface ICs
HCTL-2000 AVAGO-HCTL-2000_06 Datasheet
185Kb / 19P
Quadrature Decoder/Counter Interface ICs
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com