Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9107DG-XX-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR9107DG-XX-AF5-R
Description  OUTPUT CAPACITOR-LESS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9107DG-XX-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR9107DG-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9107DG-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9107DG-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9107DG-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9107DG-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LR9107
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R102-080 .a
MARKING
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
18: 1.8V
28: 2.8V
PIN CONFIGURATION
12
3
54
VIN
GND
CE
VOUT
NC
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VIN
Power Input Pin
2
GND
Ground
3
CE
Enable Pin. This pin should not be floating. Driving this pin “1” enables the regulator,
while “0” shutdown the regulator.
4
NC
No Connection
5
VOUT
Power Output Pin
BLOCK DIAGRAM
+
-
VIN
VOUT
GND
CE
Vref
Current Limit
UTC LR9107B (Non Discharge)
+
-
Vref
Current Limit
VIN
CE
VOUT
GND
UTC LR9107D (With Discharge)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com