Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9107DG-XX-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR9107DG-XX-AF5-R
Description  OUTPUT CAPACITOR-LESS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9107DG-XX-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LR9107DG-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9107DG-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9107DG-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9107DG-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9107DG-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LR9107
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R102-080 .a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
6.0
V
Input Voltage CE
VCE
6.0
V
Output Voltage
VOUT
-0.3 ~ VIN+0.3
V
Output Current
IOUT
300
mA
Power Dissipation
PD
380
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
1.7 ~ 5.25
V
Output Current
IOUT
0 ~ 150
mA
Operating Ambient Temperature
TA
-40 ~ +85
°C
ELECTRICAL CHARACTERISTICS
(VCE=VIN=VOUT+1.0V, CIN=COUT 0.47µF, IOUT=1.0mA, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Input Voltage
VIN
TA=-40°C~+85°C
5.25
V
TA=+25°C
-1
+1
Output Voltage Accuracy (Note 6)
VOC
VIN=(VOUT-NOM+1.0V)~5.25V,
IOUT=1mA~200mA
TA=-40°C~+85°C
-1.5
+1.5
%
Line Regulation (dVOUT/dVIN/VOUT)
∆VOUT
/∆VIN
VIN=(VOUT-NOM+1.0V)~5.25V, IOUT=1.0mA
0.02 0.1 %/V
Load Regulation (dVOUT/VOUT/dIOUT)
∆VOUT
/∆IOUT
VIN=VOUT-NOM+1.0V, IOUT=1mA~200mA
0.5 1.0 %/A
Quiescent Current (Note 2)
IQ
IOUT=0mA
9.5
25
µA
ISTANDBY
ISTANDBY VCE=0V (Disabled)
0.1 3.0
µA
Output Current
IOUT
200
mA
Fold-Back Short Current (Note 3)
ISC
VOUT short to ground
50
mA
Ripple Rejection (Note 4)
RR
VOUT≤1.2V
1.2V<VOUT<2.2V
VOUT≥2.2V
f=1kHz
VIN=[VOUT+1V],
IOUT=30mA
70
65
60
dB
1.5V≤VOUT<2.0V
0.44
2.0V≤VOUT<2.6V
0.35
Dropout Voltage (Note 1)
VDROP IOUT=200mA
2.6≤VOUT
0.27
V
Output Voltage Temperature
Coefficient
∆T
∆VOUT
IOUT=30mA, TA=-40°C~+85°C
±100
ppm/
°С
CE Pull-Down Current
IPD
0.1
µA
CE Input Low Voltage
VCEL
0.4
V
CE Input High Voltage
VCEH
1.0
V
On Resistance of N-channel for
Auto-Discharge (Note 5)
RON
VIN=4.0V, VEN=0V (Disabled)
30
Ω
Notes: 1. Dropout voltage (VDROP) is the voltage difference between the input and the output at which the output
voltage drops 2% below its nominal value.
2. Quiescent current (IQ) is the current difference between the input and the output.
3. Short circuit current (ISC) is measured with VOUT pulled to GND.
4. This specification is guaranteed by design.
5. UTC LR9107 has 2 options for output, built-in discharge and non-discharge.
6. Potential multiple grades based on following output voltage accuracy.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com