Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR18113G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR18113G-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18113G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LR18113G-S08-R Datasheet HTML 1Page - Unisonic Technologies LR18113G-S08-R Datasheet HTML 2Page - Unisonic Technologies LR18113G-S08-R Datasheet HTML 3Page - Unisonic Technologies LR18113G-S08-R Datasheet HTML 4Page - Unisonic Technologies LR18113G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LR18113
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R102-078.A
ABSOLUTE MAXIMUM RATING (unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VIN
-0.3 ~ +7
V
Enable Input Voltage
VEN
0 ~ 7
V
Power Dissipation
PD
Internally Limited
Junction Temperature
TJ
+150
°C
Operation Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied..
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
156
°С/W
Junction to Case
θJC
39
°С/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.5
6
V
Operating Temperature
TA
-40
+85
°C
ELECTRICAL CHARACTERISTICS
(VSET=2V, VEN=5V, VIN=5V, IOUT=0.5A, CIN=2.2μF, COUT=2.2μF, TA=TJ=25°C, unless otherwise specified )(Note)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
VIN
Supply Voltage
VCC
4.5
6
V
Quiescent Current
IQ
VOUT=5V
3
mA
VOUT
Output Voltage/VSET Voltage
SET
OUT
V
V
VIN=6V,VSET=1V~3.3V
1.552
1.6
1.648 V/V
Line Regulation
OUT
OUT
V
V
∆
VIN=4.5V to 6V
0.2
0.5
%
Load Regulation
OUT
OUT
V
V
∆
10mA≤IOUT≤0.5A
0.2
0.8
%
Output Resistance
ROUT
IOUT=0.5A, VSET=3.4V
0.2
0.3
Ω
Current Limit
ILIMLT
VOUT=0V
1
A
VSET
Minimum VSET Voltage
VSET(MIN)
1
V
VSETpin Current
ISET
80
200
nA
ENABLE
High
1.6
V
Enable Voltage
VEN
Low
0.4
V
EN pin Bias Current
IEN
VEN =0V
1.5
10
μA
OVER TEMPERATURE PROTECTION
Over Temperature Shutdown
OTS
150
°C
Over Temperature Hysteresis
OTH
25
°C
Note: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as
possible.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com