Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR18113G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR18113G-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR18113G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR18113G-S08-R Datasheet HTML 1Page - Unisonic Technologies LR18113G-S08-R Datasheet HTML 2Page - Unisonic Technologies LR18113G-S08-R Datasheet HTML 3Page - Unisonic Technologies LR18113G-S08-R Datasheet HTML 4Page - Unisonic Technologies LR18113G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR18113
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R102-078.A
1.6X LINEAR FAN DRIVER
WITH ENABLE CONTROL
DESCRIPTION
The UTC LR18113 is a low output resistance 1.6X positive
voltage linear fan driver with very low dropout voltage at up to
500mA. The UTC LR18113 consists of an error amplifier, output
stage, voltage divider, over temperature protection, current limiting
scheme and Enable Control logic. VOUT voltage follows the 1.6 times
of VSET voltage until it reaches VIN voltage. The VSET voltage must be
larger than 1V to guarantee VOUT 1.6 times of VSET. Good regulation
over variation in line, load and temperature is also provided by UTC
LR18113
.
FEATURES
* VOUT Follows 1.6 Times of VSET
* 0.3Ω Output Resistance @ 0.5A
* Over Temperature Protection
* Current Limiting Protection
* Enable control
ORDERING INFORMATION
Ordering Number
Package
Packing
LR18113G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - LR18113G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18115 UTC-LR18115 Datasheet
162Kb / 6P
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
LR18115G-S08-R UTC-LR18115G-S08-R Datasheet
162Kb / 6P
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
LR18115G-S08-R UTC-LR18115G-S08-R Datasheet
175Kb / 5P
LINEAR FAN DRIVER
LR18115G-S08-T UTC-LR18115G-S08-T Datasheet
162Kb / 6P
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
LR18115L-S08-R UTC-LR18115L-S08-R Datasheet
162Kb / 6P
1.6X LINEAR FAN DRIVER WITH VOUT FULLY ON CONTROL
More results

Similar Description - LR18113G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com