Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9272BG-XX-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR9272BG-XX-AF5-R
Description  SUPER LOW ON RESISTANCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9272BG-XX-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR9272BG-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9272BG-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9272BG-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9272BG-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9272BG-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LR9272
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R102-067.a
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-223
12
3
Date Code
Voltage Code
LR9272
G
XX
Discharge Function
Pin Code
SOT-25
25: 2.5V
33: 3.3V
50: 5.0V
PIN CONFIGURATION(For SOT-25)
PIN DESCRIPTION(For SOT-25)
PIN NO.
PIN NAME
DESCRIPTION
1
VOUT
Voltage regulator output pin
2
GND
Ground pin
3
VDD
Input pin
4
NC
No connection
5
CE or CE
Chip enable pin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com