Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9272BG-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9272BG-XX-AF5-R
Description  SUPER LOW ON RESISTANCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9272BG-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9272BG-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9272BG-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9272BG-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9272BG-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9272BG-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9272
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-067.a
SUPER LOW ON RESISTANCE /
LOW VOLTAGE 1A LDO
DESCRIPTION
The UTC LR9272 is a typical LDO (linear regulator) with the
features of high output voltage accuracy, low supply current, low
ON-resistance, super low dropout, 1A output current capability, and
high ripple rejection.
During operation of the UTC LR9272, the dropout voltage is
very low, Even the output voltage is set at 1.5V, on resistance of
internal FET is typically 0.32Ω. Therefore, applications that require
a large current at small dropout are suitable for the UTC LR9272
series. Low input voltage is acceptable and low output voltage can
be set. The minimum input voltage is 1.4V, and the lowest set
output voltage is 0.8V, and the response of line transient and load
transient are very well.
Internally, there’re many functions of UTC LR9272 which can
be seen in the block figure. There are a voltage reference unit, an
error amplifier, resistor-net for voltage setting, a current limit circuit,
and a chip enable circuit in each UTC LR9272.
The UTC LR9272 can be used as an ideal of the power supply
for hand-held communication equipment, such as: power source for
portable communication equipment, power source for electrical
appliances, for example, cameras, VCRs and camcorders and
power source for battery-powered equipment.
FEATURES
* Low standby current (TYP=0.1µA)
* Ultra-Low supply current (TYP=60µA)
* Output current (MIN=1A@VIN=VOUT+1.0V)
* Output voltage accuracy (±2.0%)
* Input voltage range (1.4V~6.0V)
* Output voltage (0.8V~5.0V)
* Dropout voltage (TYP=0.18V@VOUT=3.0V, IOUT=1A)
* Ripple rejection (TYP=70dB @ VOUT=3.0V)
* Line regulation (TYP=0.05%/V)
* Low temperature-drift coefficient of output voltage
* Built-in thermal shuntdown circuit
* Built-in inrush current limit circuit
* Built-in fold-back protection circuit
* Built-in auto discharge function
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
Pin Code
1
2
3
Packing
LR9272G-xx-AA3-C-R
SOT-223
C
G
I
O
Tape Reel
LR9272G-xx-AF5-R
SOT-25
Refer to PIN CONFIGURATION
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR9272BG-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
800mA LDO REGULATOR
LR9270 UTC-LR9270 Datasheet
232Kb / 7P
800mA LDO REGULATOR
LR9270HG-12-AB5-R UTC-LR9270HG-12-AB5-R Datasheet
232Kb / 7P
800mA LDO REGULATOR
LR9270HG-12-AE5-R UTC-LR9270HG-12-AE5-R Datasheet
232Kb / 7P
800mA LDO REGULATOR
LR9270HG-12-AF5-R UTC-LR9270HG-12-AF5-R Datasheet
232Kb / 7P
800mA LDO REGULATOR
More results

Similar Description - LR9272BG-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
Super low on resistance/Low voltage LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
April 1, 2012
R1172 RICOH-R1172 Datasheet
446Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
April 1, 2012
R1173 RICOH-R1173 Datasheet
546Kb / 26P
Super low on resistance/Low voltage LDO
April 1, 2012
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
Super low on resistance/Low voltage LDO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com